Electronic Components Datasheet Search
  English  ▼

X  

TMC22091 Datasheet(PDF) 36 Page - Cadeka Microcircuits LLC.

Part # TMC22091
Description  Digital Video Encoders/Layering Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22091 Datasheet(HTML) 36 Page - Cadeka Microcircuits LLC.

Back Button TMC22091 Datasheet HTML 32Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 33Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 34Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 35Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 36Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 37Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 38Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 39Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 40Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
TMC22091/TMC22191
PRODUCT SPECIFICATION
36
In read mode, the address is accompanied by a HIGH on the
R/W pin during a falling edge of CS. The data output pins go
to a low-impedance state tDOZ ns after CS falls. Valid data is
present on D7-0 tDOM after the falling edge of CS. Because
this port operates asynchronously with the pixel timing,
there is an uncertainty in this data valid output delay of one
PXCK period. This uncertainty does not apply to tDOZ.
The RESET pin restores the TMC22x91 to field 1 line 1 and
places the encoder in a power-down state (if HRESET is
LOW). Bit 4 of the Global Control Register (SRESET) is set
LOW. All other control words and CLUT contents are left
unchanged. Returning RESET HIGH synchronizes the inter-
nal clock with PXCK and restores the device outputs to
active states.
Reading Pixel Data from the D7-0 Port
The microprocessor port of the TMC22x91 may be used to
monitor digital video outputs. The eight MSBs of the up-
sampled and interpolated pixel data that go to the
COMPOSITE D/A converter can also be accessed via the
D7-0 port. When the Test Control Register is loaded with 28h
and the Control Register pointer is loaded with 40h, the D7-0
port will output the 8-bit composite pixels synchronous with
PXCK. To halt the pixel flow from D7-0, simply bring CS
HIGH.
Luminance pixel data may also be read from D7-0. In this
case, the eight MSBs of luminance at the input of the Sync
and Blank Insert block are monitored. When the Control
Register pointer is loaded with 60h, the D7-0 port will output
8-bit luminance pixels synchronous with respect to PXCK.
To halt the pixel flow from D7-0, bring CS HIGH.
Operational Timing
The TMC22x91 operates in three distinct modes:
1.
Master mode. The encoder independently produces all
internal timing and provides digital sync to the host
controller.
2.
Slave mode. The encoder accepts horizontal and vertical
sync from the controller and synchronizes the video out-
put accordingly.
3.
Genlock mode. The encoder accepts horizontal and ver-
tical sync from the companion TMC22071 Genlocking
Video Digitizer, synchronizes itself to the incoming
video, and provides appropriate H Sync and V Sync to
the host. It synchronizes Pixel Data input in two ways:
a.
Internal PDC. The encoder internally generates the
Pixel Data Control (PDC) signal which calls for
data input from the external pixel source.
b.
External PDC. The encoder receives a PDC signal
from the host and accepts Pixel Data based on that
input.
Figure 12. Reset Timing – PCK Synchronization
PXCK
RESET
tSR
tHR
1
2
3
24330A
tSR
Reset Timing
The TMC22x91 operates from a master clock (PXCK) at
twice the pixel rate. In Master mode, the PCK to PXCK tim-
ing relationship is set on the rising edge of RESET. In Figure
12, PCK is denoted by odd PXCK counts.
When RESET is taken LOW with sufficient setup time (tSR)
before a rising edge of PXCK, the internal state machines are
reset and the device is put into a mode as dictated by the Glo-
bal Control Register bits 0 and 4. In Master mode, when the
RESET pin is taken HIGH, the internal clock timing is estab-
lished. In Slave and Genlock mode, this timing is established
by VHSYNC and GHSYNC respectively. The first PXCK
following this RESET rising edge is designated as PXCK 1.
Where it is significant, reference PXCK timing will be
shown with numbered rising edges. A designation of 2N
clocks refers to an even number of PXCK rising edges from
device reset. If RESET is not shown and clock numbering
does not refer to 2N, timing is relative to signals shown in
the diagram only.
Pixel Data Input Timing
PXCK is internally divided by 2 to generate an internal pixel
clock, PCK which is not accessible from the pins of the
TMC22x91. To ensure the correct phase relationship
between PCK and pixel data, PCK is locked to VHSYNC or
GHSYNC (Slave or Genlock mode, respectively). In Master
mode, VHSYNC is produced on the rising edge of PCK
allowing external circuitry to synchronize the generation of
pixel data and LDV which also operates at the rate of PCK.
The rising edge of LDV clocks the 24-bit pixel data into
three 8-bit registers while PCK clocks that data through the
pixel data path within the TMC22x91. It is therefore neces-
sary to meet the set-up and hold timing between pixel data
and LDV as well as LDV and PCK as shown in Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com