Electronic Components Datasheet Search
  English  ▼

X  

TMC22091 Datasheet(PDF) 59 Page - Cadeka Microcircuits LLC.

Part # TMC22091
Description  Digital Video Encoders/Layering Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22091 Datasheet(HTML) 59 Page - Cadeka Microcircuits LLC.

Back Button TMC22091 Datasheet HTML 52Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 53Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 54Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 55Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 56Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 57Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 58Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 59Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 60Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
PRODUCT SPECIFICATION
TMC22091/TMC22191
59
Mechanical Dimensions
100 Lead MQFP Package – 3.2mm Footprint
Lead Detail
A1
A A2
B
-C-
Lead Coplanarity
Seating Plane
ccc
C
See Lead Detail
E
E1
D1
D
B
Pin 1 Indentifier
e
Base Plane
R
C
L
α
Datum Plane
0
° Min.
.20 (.008) Min.
.13 (.30)
.005 (.012)
.13 (.005) R Min.
0.076" (1.95mm) Ref
A
—
.134
—
3.40
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
A1
.010
—
.25
—
.015
.38
A2
.100
.120
2.55
3.05
B
.008
3, 5
5
.22
.009
.23
C
.005
.13
E
.667
.687
16.95
17.45
.0256 BSC
.65 BSC
e
L
.028
.040
.73
1.03
100
100
30
30
4
N
ND
20
20
NE
α
0
°
7
°
0
°
7
°
—
.004
—
.12
ccc
D
.904
.923
22.95
23.45
D1
.783
.791
19.90
20.10
E1
.547
.555
13.90
14.10
Notes:
1.
2.
3.
4.
5.
All dimensions and tolerances conform to ANSI Y14.5M-1982.
Controlling dimension is millimeters.
Dimension "B" does not include dambar protrusion. Allowable
dambar protrusion shall be .08mm (.003in.) maximum in excess of
the "B" dimension. Dambar cannot be located on the lower radius
or the foot.
"L" is the length of terminal for soldering to a substrate.
"B" & "C" includes lead finish thickness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com