Electronic Components Datasheet Search
  English  ▼

X  

TMC22091 Datasheet(PDF) 41 Page - Cadeka Microcircuits LLC.

Part # TMC22091
Description  Digital Video Encoders/Layering Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22091 Datasheet(HTML) 41 Page - Cadeka Microcircuits LLC.

Back Button TMC22091 Datasheet HTML 37Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 38Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 39Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 40Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 41Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 42Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 43Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 44Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 45Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
PRODUCT SPECIFICATION
TMC22091/TMC22191
41
A DOWNSTREAM KEY image comprises the white alpha
characters "HAPPY FACE", and black alpha characters
"Time". This is to be superimposed over the previous 3-layer
composite image. The key signal needed for superimposing
DOWNSTREAM KEY image over the other composite
images is shown to the right. This represents a single bit sig-
nal mapped over the image. When the signal is black (logic
LOW), the DOWNSTREAM KEY image is active, when it
is white (logic HIGH), the previous composite image is
active.
The final 4-layer composite image, DOWNSTREAM KEY
over FOREGROUND over MIDGROUND over BACK-
GROUND, is shown in Figure 21.
In this illustration, all four source images are static (not mov-
ing). The images input to the TMC22191 can just as well be
"live" (from video camera or VCR sources) as long as:
• Data from those sources is in an input format that the
TMC22191 can accept, and
• The sources either synchronize the TMC22191
(Genlock mode) or are synchronized by the TMC22191
(Master or Slave mode).
Key signals may be generated external to the TMC22191
(Hardware Keying) and use the KEY input pin for control.
Key signals may also be generated within the TMC22191
(Data Keying) by the comparison of input color data with
color data stored in the TMC22191.
Figure 20. Adding a 3rd Layer
2-LAYER COMPOSITE
FOREGROUND
KEY
3-LAYER COMPOSITE
27037A
HI KIDS !
HI KIDS !
HI KIDS !
Figure 21. Adding a 4th Layer
3-LAYER COMPOSITE
DOWNSTREAM KEY
KEY
4-LAYER COMPOSITE
27038A
HI KIDS !
HI KIDS !
HAPPY
FACE
TIME
HAPPY
FACE
TIME
HAPPY
FACE
TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com