Electronic Components Datasheet Search
  English  ▼

X  

TMC22091 Datasheet(PDF) 17 Page - Cadeka Microcircuits LLC.

Part # TMC22091
Description  Digital Video Encoders/Layering Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22091 Datasheet(HTML) 17 Page - Cadeka Microcircuits LLC.

Back Button TMC22091 Datasheet HTML 13Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 14Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 15Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 16Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 17Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 18Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 19Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 20Page - Cadeka Microcircuits LLC. TMC22091 Datasheet HTML 21Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
PRODUCT SPECIFICATION
TMC22091/TMC22191
17
Control Register Definitions (continued)
Key Control Register (04)
7
6
5
4
3
2
1
0
Reserved
HKEN
BUKEN
SKEXT
DKDIS
EKDIS
FKDIS
SKEN
Reg
Bit
Name
Function
04
7
Reserved.
04
6
HKEN
Hardware key enable. When LOW, the KEY input pin ignored. When HIGH, the
KEY input pin is enabled.
04
5
BUKEN
Burst key enable. When LOW, output video burst is generated on TMC22x91.
When HIGH, output burst is taken from genlock input data.
04
4
SKEXT
Data key operation select. When LOW, data keying is allowed only during
active video. When HIGH, keying is allowed during active video and blanking.
04
3
DKDIS
Green/red/Y data key disable. When LOW, green/red/Y input data is enabled
for data keying. When HIGH, green/red/Y input data is ignored for data keying.
This function is enabled when Layering Control Register is enabled
(TMC22191).
04
2
EKDIS
Blue/green/CB data key disable. When LOW, Blue/green/CB input data is
enabled for data keying. When HIGH, Blue/green/CB input data is ignored for
data keying. This function is enabled when Layering Control Register is
enabled (TMC22191).
04
1
FKDIS
Red/blue/CR data key disable. When LOW, red/blue/CR input data is enabled
for data keying. When HIGH, red/blue/CR input data is ignored for data keying.
This function is enabled when Layering Control Register is enabled
(TMC22191).
04
0
SKEN
Data key enable. When LOW, data keying is disabled. When HIGH, data keying
is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com