Electronic Components Datasheet Search
  English  ▼

X  

ADF4602 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4602
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602 Datasheet(HTML) 5 Page - Analog Devices

  ADF4602 Datasheet HTML 1Page - Analog Devices ADF4602 Datasheet HTML 2Page - Analog Devices ADF4602 Datasheet HTML 3Page - Analog Devices ADF4602 Datasheet HTML 4Page - Analog Devices ADF4602 Datasheet HTML 5Page - Analog Devices ADF4602 Datasheet HTML 6Page - Analog Devices ADF4602 Datasheet HTML 7Page - Analog Devices ADF4602 Datasheet HTML 8Page - Analog Devices ADF4602 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ADF4602
Rev. 0 | Page 5 of 36
Parameter
Min
Typ
Max
Unit
Test Conditions
RF Specifications (Low Band)
Carrier Frequency
824
960
MHz
Output Impedance
50
Ω
Output Power (POUT)
−6
dBm
TM1 signal 64 DPCH
Output Noise Spectral Density
−158
dBc/Hz
45 MHz offset
Carrier Leakage
−35
dBc
POUT = −6 dBm
FDD EVM
5
%
POUT = −6 dBm
FDD ACLR
55
dB
±5 MHz, POUT = −6 dBm
70
dB
±10 MHz, POUT = −6 dBm
RECEIVE SECTION
Baseband I/Q Output
Output Common Mode Voltage
1.15
1.2
1.35
V
Mode 1
1.35
1.4
1.55
V
Mode 2
Differential Output Range
4
V p-p d
Output DC Offset
±5
mV
WCDMA HPF mode
±100
mV
GSM servo loop mode
Quadrature Gain Error
0.3
0.7
dB
Quadrature Phase Error
1
°rms
In-Band Gain Ripple
0.2
dB
Low-Pass Filter Rejection
WCDMA (Seventh Order)
30
dB
@2.7 MHz
45
dB
@3.5 MHz
84
dB
@5.9 MHz
110
dB
@10 MHz
WCDMA (Fifth Order)
14
dB
@2.7 MHz
31
dB
@3.5 MHz
55
dB
@5.9 MHz
80
dB
@10 MHz
GSM
12
dB
@200 kHz
47
dB
@400 kHz
90
dB
@800 kHz
Differential Group Delay
WCDMA
250
ns
1.92 MHz band
GSM
200
ns
100 kHz band
Receiver Gain Control
Maximum Voltage Gain
102
dB
WCDMA mode
Gain Control Range
90
dB
Gain Control Resolution
1
dB
Gain Control Step Error
±1
dB
1 dB step
±2
dB
10 dB step
RF Specifications (High Band)
Input Frequency
1710
2170
MHz
Input Impedance
50
Ω
Input Return Loss
−20
dB
Noise Figure
4.0
dB
TX power of −8 dBm, spur-free
measurement2
Maximum Input Power3
−20
dBm
Maximum LNA gain
−2
dBm
Minimum LNA gain
Input IP3
−7
dBm
±10 MHz and ±20 MHz Offset, 59 dB gain
0
85 MHz and 190 MHz Offset, 59 dB gain
Input IP2
53
dBm
80 MHz offset
65
dBm
190 MHz offset
EVM
8
%
−60 dBm input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com