Electronic Components Datasheet Search
  English  ▼

X  

ADF4602 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4602
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602 Datasheet(HTML) 1 Page - Analog Devices

  ADF4602 Datasheet HTML 1Page - Analog Devices ADF4602 Datasheet HTML 2Page - Analog Devices ADF4602 Datasheet HTML 3Page - Analog Devices ADF4602 Datasheet HTML 4Page - Analog Devices ADF4602 Datasheet HTML 5Page - Analog Devices ADF4602 Datasheet HTML 6Page - Analog Devices ADF4602 Datasheet HTML 7Page - Analog Devices ADF4602 Datasheet HTML 8Page - Analog Devices ADF4602 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Single-Chip, Multiband 3G Femtocell
Transceiver
ADF4602
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Single-chip multiband 3G transceiver
3GPP 25.104 release 6 WCDMA/HSPA compatible
UMTS band coverage
Local area Class BS in Band 1 to Band 6 and Band 8 to
Band 10
Direct conversion transmitter and receiver
Minimal external components
Integrated multiband multimode monitoring
No Tx SAW or Rx interstage SAW filters
Integrated power management (3.1 V to 3.6 V supply)
Integrated synthesizers including PLL loop filters
Integrated PA bias control DACs/GPOs
WCDMA and GSM receive baseband filter options
Easy to use with minimal calibration
Automatic Rx DC offset control
Simple gain, frequency, mode programming
Low supply current
50 mA typical Rx current
50 mA to 100 mA Tx current (varies with output power)
6 mm × 6 mm 40-pin LFCSP package
APPLICATIONS
3G home basestations (femtocells)
3G repeaters
FUNCTIONAL BLOCK DIAGRAM
Tx_PWR_CONTROL
Tx_PWR_
CONTROL
TXBBIB
TXBBI
TXBBQ
TXBBQB
VSUP7
VSUP6
RXBBI
RXBBIB
VDD
RXLBRF
RXHB2RF
RXHB1RF
TXLBRF
RXBBQ
RXBBQB
Tx_PWR_CONTROL
Tx_PWR_
CONTROL
TXHBRF
LOOP
FILTER
Rx PLL
Rx_LO_LB
SELECTABLE BANDWIDTH
BASEBAND FILTERS
Rx_LO_LB
FRAC N
SYNTHE-
SIZER
LO GENERATOR
LOOP
FILTER
FRAC N
SYNTHE-
SIZER
LO GENERATOR
DC OFFSET
CORRECTION
SERIAL
INTER-
FACE
DC OFFSET
CORRECTION
Q
CHAN-
NEL
I
CHAN-
NEL
VSUP8
26MHz
19.2MHz
ADF4602
LDO2 LDO3 LDO4 LDO5
Tx PLL
LDO1
REFIN
Figure 1.


Similar Part No. - ADF4602

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4001 AD-ADF4001 Datasheet
190Kb / 16P
200 MHz Clock Generator PLL
REV.0
ADF4001BCP AD-ADF4001BCP Datasheet
190Kb / 16P
200 MHz Clock Generator PLL
REV.0
ADF4001BCP AD-ADF4001BCP Datasheet
929Kb / 28P
50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADF4001BCPZ AD-ADF4001BCPZ Datasheet
860Kb / 17P
200 MHz Clock Generator PLL
REV. B
ADF4001BCPZ AD-ADF4001BCPZ Datasheet
860Kb / 17P
200 MHz Clock Generator PLL
REV. B
More results

Similar Description - ADF4602

ManufacturerPart #DatasheetDescription
logo
Agere Systems
W3020 AGERE-W3020 Datasheet
409Kb / 44P
GSM Multiband RF Transceiver
December 1999
logo
Texas Instruments
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
SINGLE CHIP MULTIBAND RF TRANSCEIVER
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
SINGLE-CHIP MULTIBAND RF TRANSMITTER
logo
HuaXinAn Electronics CO...
AK1587 HUAXINAN-AK1587 Datasheet
65Kb / 2P
Femtocell LTE-A/LTE//WCDMA RF Transceiver
AK1589 HUAXINAN-AK1589 Datasheet
113Kb / 2P
Femtocell LTE/W-CDMA RF Transceiver
logo
Asahi Kasei Microsystem...
AK1589 AKM-AK1589 Datasheet
113Kb / 2P
Femtocell LTE/W-CDMA RF Transceiver
logo
Texas Instruments
TRF6903 TI1-TRF6903_08 Datasheet
726Kb / 39P
SINGLE-CHIP MULTIBAND RF TRANSCEIVER
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
SINGLE-CHIP MULTIBAND RF TRANSMITTER
logo
Abracon Corporation
ACA-108-T ABRACON-ACA-108-T Datasheet
1Mb / 4P
Multiband Chip Antenna
10.07.14
ACAJ-109-T ABRACON-ACAJ-109-T Datasheet
2Mb / 5P
Multiband Chip Antenna
11.19.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com