Electronic Components Datasheet Search
  English  ▼

X  

ADF4602 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF4602
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF4602 Datasheet HTML 13Page - Analog Devices ADF4602 Datasheet HTML 14Page - Analog Devices ADF4602 Datasheet HTML 15Page - Analog Devices ADF4602 Datasheet HTML 16Page - Analog Devices ADF4602 Datasheet HTML 17Page - Analog Devices ADF4602 Datasheet HTML 18Page - Analog Devices ADF4602 Datasheet HTML 19Page - Analog Devices ADF4602 Datasheet HTML 20Page - Analog Devices ADF4602 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
ADF4602
Rev. 0 | Page 17 of 36
THEORY OF OPERATION
TRANSMITTER DESCRIPTION
TXBBI
TXBBIB
TXBBQ
TXBBQB
GAIN CONTROL
TXPWR_SET[11:0]
–90 DEGREES
÷2
÷2
TXBs
TESTQ, SWAP_Q
TESTI, SWAP_I
Σ
LPF
LPF
PA
TX
OUTPUT
LB ONLY
DIVIDER
DIVIDER AND
QUAD GEN
INTEGRATED
BALUN
Figure 35. Transmitter Block Diagram
The ADF4602 contains a highly innovative low noise variable
gain direct conversion transmitter architecture, that removes the
need for external transmit SAW filters. The direct conversion
architecture significantly reduces the risk of transmit harmonics
across all bands due to the simplified nature of the frequency
plan. See Figure 35 for a block diagram.
I/Q Baseband
The baseband interface for the I and Q channels is a differential,
dc-coupled input, supporting a wide range of input common-
mode voltages (VCM). The allowable input common-mode range is
1.05 V to 1.4 V. The maximum signal swing allowed is 550 mV
peak differential. This corresponds to a 1.1 V peak-to-peak
differential on either the I or Q channel. Figure 36 shows a
graphical definition of peak differential voltage and VCM.
The baseband input signals pass through a second order
Butterworth filter prior to the quadrature modulator. The cutoff
frequency is 4 MHz. This gives some rejection of the DAC
images. The filter also helps to suppress any spurious signals
that might be coupled to the baseband terminals on
the PCB.
For ease of PCB routing between the ADF4602 and the transmit
DAC, the I and Q differential inputs can be internally swapped.
For user test purposes, the I and Q inputs can also be internally
shorted together and a dc offset applied. This produces a large
carrier at the RF output, which is useful for signal path integrity
testing.
VCM
I OR Q
IB OR QB
PEAK V DIF
VOLTS
TIME
Figure 36. Transmit Baseband Input Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com