Electronic Components Datasheet Search
  English  ▼

X  

ADF4602 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4602
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602 Datasheet(HTML) 3 Page - Analog Devices

  ADF4602 Datasheet HTML 1Page - Analog Devices ADF4602 Datasheet HTML 2Page - Analog Devices ADF4602 Datasheet HTML 3Page - Analog Devices ADF4602 Datasheet HTML 4Page - Analog Devices ADF4602 Datasheet HTML 5Page - Analog Devices ADF4602 Datasheet HTML 6Page - Analog Devices ADF4602 Datasheet HTML 7Page - Analog Devices ADF4602 Datasheet HTML 8Page - Analog Devices ADF4602 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ADF4602
Rev. 0 | Page 3 of 36
GENERAL DESCRIPTION
The ADF4602 is a 3G transceiver integrated circuit (IC)
offering unparalleled integration and feature set. The IC is
ideally suited to high performance 3G femtocells providing
cellular fixed mobile converged (FMC) services. With only a
handful of external components, a full multiband transceiver is
implemented.
UMTS Band 1 through Band 6 and Band 8 through Band 10 are
supported in a single device.
The receiver is based on a direct conversion architecture. This
architecture is the ideal choice for highly integrated wideband
CDMA (WCDMA) receivers, reducing the bill of materials by
fully integrating all interstage filtering. The front end includes
three high performance, single-ended low noise amplifiers
(LNAs), allowing the device to support tri-band applications.
The single-ended input structure eases interface and reduces
the matching components required for small footprint single-
ended duplexers. The excellent device linearity achieves good
performance with a large range of SAW and ceramic filter
duplexers.
The integrated receive baseband filters offer selectable
bandwidth, enabling the device to receive both WCDMA and
GSM-EDGE radio signals. The selectable bandwidth filter,
coupled with the multiband LNA input structure, allows
GSM-EDGE signals to be monitored as part of a UMTS home
basestation.
The transmitter uses an innovative direct conversion modulator
that achieves high modulation accuracy with exceptionally low
noise, eliminating the need for external transmit SAW filters.
The fully integrated phase lock loops (PLLs) provide high
performance and low power fractional-N frequency synthesis
for both receive and transmit sections. Special precautions have
been taken to provide the isolation demanded by frequency
division duplex (FDD) systems. All VCO and loop filter
components are fully integrated.
The ADF4602 also contains on-chip low dropout voltage
regulators (LDOs) to deliver regulated supply voltages to the
functions on chip, with an input voltage of between 3.1 V
and 3.6 V.
The IC is controlled via a standard 3-wire serial interface with
advanced internal features allowing simple software programming.
Comprehensive power-down modes are included to minimize
power consumption in normal use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com