Electronic Components Datasheet Search
  English  ▼

X  

ADF4602 Datasheet(PDF) 24 Page - Analog Devices

Part # ADF4602
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF4602 Datasheet HTML 20Page - Analog Devices ADF4602 Datasheet HTML 21Page - Analog Devices ADF4602 Datasheet HTML 22Page - Analog Devices ADF4602 Datasheet HTML 23Page - Analog Devices ADF4602 Datasheet HTML 24Page - Analog Devices ADF4602 Datasheet HTML 25Page - Analog Devices ADF4602 Datasheet HTML 26Page - Analog Devices ADF4602 Datasheet HTML 27Page - Analog Devices ADF4602 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
ADF4602
Rev. 0 | Page 24 of 36
REGISTERS
REGISTER MAP
A1
1
2
W
0x2FFD
rxsynth
en
reset_
soft
sif_
vsup8
txsynth
en
chipclk
en
refclk
en
rxbs[1:0]
txbs
txen
ldoen[4:0]
rxen
W
0x0002
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D3
D4
D2
D1
D0
DEFAULT1
R/W
A1
10
11
12
13
14
15
W
W
W
W
W
W
0x9858
rxfreq[15:0]
0x0000
rxgain[6:0]
0x0FA6
0x103E
0xEE53
lnastep[3:0]
nper0[3:0]
nint0[3:0]
mixstep[3:0]
nper1[3:0]
nint1[3:0]
sdmen[3:0]
nper2[3:0]
nint2[3:0]
rfskip[3:0]
osadc2x[3:0]
nint3[3:0]
0x0890
sdmosr
gaincal[4:0]
rxbw[2:0]
swapi
swapq
vcmsel
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D3
D4
D2
D1
D0
DEFAULT1
R/W
A1
21
22
26
28
31
W
W
W
W
W
0x001F
vcm_sat_thres[5:0]
cmmod
test_Q/swap_Q
test_I/swap_I
gain_blanksel
[1:0]
0x8000
padac1[4:0]
padac2_ow[5:0]
gpo_ow[3:0]
dacgpo
_owen
0x0000
txfreq[15:0]
0x0001
txpwr_set[11:0]
cntrl_
mode
0x0000
nvmld
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D3
D4
D2
D1
D0
DEFAULT1
R/W
SUB-ADDRESS REGISTERS
TRANSMITTER USER REGISTERS
RECEIVER USER REGISTERS
GENERAL USER REGISTERS
A1
A2
0
144
0
151
0
153
0
155
0
165
0
170
0
171
0
174
0
W
W
W
W
W
W
W
W
W
0x06
reserved[1:0]
0x6F
0x85
0x78
0x20
vsup2[7:0]
reserved[7:0]
reserved[7:0]
reserved[7:0]
0xF0
en_mix[3:0]
0x042
buffstate
0x5F3
0x14
buff_value[7:0]
reserved[7:0]
175
D7
D6
D5
D3
D4
D2
D1
D0
DEFAULT1
R/W
NOTES
1THESE ARE RECOMMENDED DEFAULT SETTINGS THAT SHOULD BE PROGRAMMED INTO THE REGISTERS.
2DEFAULT SHOWN IS FOR BAND 1 OPERATION. SET TO 0x00 IF TRANSMIT FREQUENCY < 21100MHz.
3DEFAULT SHOWN IS FOR BAND 1 OPERATION. SET TO 0x50 IF TRANSMIT FREQUENCY < 21100MHz.
Figure 44. Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com