Electronic Components Datasheet Search
  English  ▼

X  

ADF4602 Datasheet(PDF) 23 Page - Analog Devices

Part # ADF4602
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF4602 Datasheet HTML 19Page - Analog Devices ADF4602 Datasheet HTML 20Page - Analog Devices ADF4602 Datasheet HTML 21Page - Analog Devices ADF4602 Datasheet HTML 22Page - Analog Devices ADF4602 Datasheet HTML 23Page - Analog Devices ADF4602 Datasheet HTML 24Page - Analog Devices ADF4602 Datasheet HTML 25Page - Analog Devices ADF4602 Datasheet HTML 26Page - Analog Devices ADF4602 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
ADF4602
Rev. 0 | Page 23 of 36
SERIAL PORT INTERFACE (SPI)
The ADF4602 contains internal registers that are used to configure
the device. The three-wire serial port interface provides read
and write access to the internal registers. For write, read
requests, and read operations, 26-bit transfers are used. The
MSB of all words are transferred first.
The read request format has the same address structure as the
write format but does not contain a data field. Padding is used
to maintain the 26-bit word length.
The readback format is the same as the word format during a
write. Again, padding is used to maintain the 26-bit word length.
Format
Table 9. SPI Chip Select Code
Figure 43 shows the format of the register write. This consists of
a 5-bit address and 16-bit data words. The exception is register
A1 = 00000, where the lower data byte is used as an 8-bit sub-
address. In total, this creates 31 16-bit registers and 256 8-bit
registers. The 31 16 bit registers are referred to in the text as
“Register 31” for example, while the 256 8-bit sub registers are
referred to as “Register 0.144”.
CS[2]
CS[1]
CS[0]
Device
0
0
1
ADF4602
All other permutations
Reserved
OPERATION AND TIMING
SCLK, SDATA, and SEN are used to transfer data into the
ADF4602 registers. Data is clocked into the register, MSB, first
on the rising edge of each SCLK. The data is transferred to the
selected register address on the rising edge of SEN. See Figure 2
and Figure 3 for timing information.
OP is a 2-bit code specifying the type of operation being performed
(see Table 8 for more information). The chip select code, CS,
is a 3-bit field indicating which device on the bus is being
programmed. For the ADF4602, CS should be set to 001 (D2,
D1, D0).
Read
Table 8. SPI Operation Code
Figure 3 shows a read operation. First, a read request is written
by the host to the ADF4602. SEN must remain high for at least
three SCLK periods between the read request operation and the
following read operation. The host must release the SDATA line
during this period. The ADF4602 takes control of SDATA, and the
read operation commences when the host device drives SEN low.
OP[1]
OP[0]
Operation
Description
0
0
Write
Normal register write.
0
1
Set
Register bits corresponding to 1s
in the data word are set. Other
bits are not modified.
1
0
Clear
Register bits corresponding to 1s
in the data word are cleared.
Other bits are not modified.
1
1
Read
Register read request.
The SDATA output voltage during readback is set to 1.8 V or
2.8 V. Bit sif_vsup8 (Register 2) controls this. A 0 in this bit
configures the device to use the 1.8 V VINT supply, whereas a 1
configures the 2.8 V VSUP8 supply. After power-up or after a
soft reset, the ADF4602 defaults to 2.8 V readback mode.
BIT POSITION
OPERATION
25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
WRITE
REGISTER 1 TO 31
W[25:0]
WRITE
REGISTER 0
W[25:0]
READ REQUEST
REGISTER 1 TO 31
Q[25:0]
READ REQUEST
REGISTER 0
Q[25:0]
READ
REGISTER 1 TO 31
Q[25:0]
READ
REGISTER 0
Q[25:0]
DATA
D[15:0]
RANDOM PADDING
P[15:0]
DATA
D[7:0]
SUBADDRESS
A2[7:0]
RANDOM PADDING
P[7:0]
SUBADDRESS
A2[7:0]
DATA
D[7:0]
SUBADDRESS
A2[7:0]
DATA
D[15:0]
ADDRESS
A1[4:0]
ADDRESS
A1 = 00000
ADDRESS
A1[4:0]
ADDRESS
A1[4:0]
ADDRESS
A1 = 00000
ADDRESS
A1[4:0]
OP
[1:0]
OP
[1:0]
OP
[1:0]
OP = 11
OP = 11
OP
[1:0]
CS
[2:0]
CS
[2:0]
CS
[2:0]
CS
[2:0]
CS
[2:0]
CS
[2:0]
Figure 43. SPI Register Write Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com