Electronic Components Datasheet Search
  English  ▼

X  

ADF4602 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF4602
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF4602 Datasheet HTML 12Page - Analog Devices ADF4602 Datasheet HTML 13Page - Analog Devices ADF4602 Datasheet HTML 14Page - Analog Devices ADF4602 Datasheet HTML 15Page - Analog Devices ADF4602 Datasheet HTML 16Page - Analog Devices ADF4602 Datasheet HTML 17Page - Analog Devices ADF4602 Datasheet HTML 18Page - Analog Devices ADF4602 Datasheet HTML 19Page - Analog Devices ADF4602 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ADF4602
Rev. 0 | Page 16 of 36
50
55
60
65
70
75
80
85
90
95
100
105
110
0
10
20
30
40
50
60
70
80
90
100
110
RECEIVE GAIN SETTING (dB)
25°C
0°C
85°C
Figure 29. HB1 Receive IP2, 190 MHz vs. Gain Setting
–10
–12
–14
–8
–6
–4
–2
0
2
4
6
8
0
10
20
30
40
50
60
70
80
90
100
110
RECEIVE GAIN SETTING (dB)
25°C
0°C
85°C
Figure 30. HB2 Receive IP3, 80 MHz + 40 MHz vs. Gain Setting
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
110
RECEIVE GAIN SETTING (dB)
25°C
0°C
85°C
Figure 31. HB2 Receive IP2, 80 MHz vs. Gain Setting
16
14
12
10
8
6
4
2
0
–2
–4
–6
–8
–10
–12
0
10
20
30
40
50
60
70
80
90
100
110
RECEIVE GAIN SETTING (dB)
25°C
0°C
85°C
Figure 32. LB Receive IP3, 10 MHz + 19.8 MHz vs. Gain Setting
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
70
80
90
100
110
RECEIVE GAIN SETTING (dB)
25°C
0°C
85°C
Figure 33. LB Receive IP3, 45 MHz + 22.5 MHz vs. Gain Setting
40
30
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
110
RECEIVE GAIN SETTING (dB)
25°C
0°C
85°C
Figure 34. LB Receive IP2, 45 MHz vs. Gain Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com