Electronic Components Datasheet Search
  English  ▼

X  

ADF4602 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4602
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4602 Datasheet HTML 7Page - Analog Devices ADF4602 Datasheet HTML 8Page - Analog Devices ADF4602 Datasheet HTML 9Page - Analog Devices ADF4602 Datasheet HTML 10Page - Analog Devices ADF4602 Datasheet HTML 11Page - Analog Devices ADF4602 Datasheet HTML 12Page - Analog Devices ADF4602 Datasheet HTML 13Page - Analog Devices ADF4602 Datasheet HTML 14Page - Analog Devices ADF4602 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ADF4602
Rev. 0 | Page 11 of 36
Pin No.
Mnemonic
Function
31
VDD
Main Supply Input.
32
GPO4
Digital Output. This is used for switch or PA control.
33
CHIPCLK
Chip Clock Output.
34
VSUP81
Reference Clock Supply Input. Connect to VSUP2, and decouple to ground with 100 nF.
35
REFCLK
Reference Clock Output.
36
REFIN
Reference Clock Input. The reference is ac-coupled internally.
37
NC
No Connect. Do not connect to this pin.
38
VSUP61
Receive Synthesizer Supply Input. Connect to VSUP3 and decouple to ground with 100 nF.
39
GPO1
Digital Output. This is used for switch or PA control.
40
GPO2
Digital Output. This is used for switch or PA control.
EPAD
Exposed Paddle Under Chip. This must be connected to ground for correct chip operation. It provides both a
thermal and electrical connection to the PCB.
1Y5V capacitors are not recommended for use with these pins. X7R, X5R, C0G or a similar type of capacitor should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com