Electronic Components Datasheet Search
  English  ▼

X  

ADF4602 Datasheet(PDF) 28 Page - Analog Devices

Part # ADF4602
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADF4602 Datasheet HTML 24Page - Analog Devices ADF4602 Datasheet HTML 25Page - Analog Devices ADF4602 Datasheet HTML 26Page - Analog Devices ADF4602 Datasheet HTML 27Page - Analog Devices ADF4602 Datasheet HTML 28Page - Analog Devices ADF4602 Datasheet HTML 29Page - Analog Devices ADF4602 Datasheet HTML 30Page - Analog Devices ADF4602 Datasheet HTML 31Page - Analog Devices ADF4602 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
ADF4602
Rev. 0 | Page 28 of 36
Register
Bit
Bit Name
Description
28, A1
Write
[15:4]
txpwr_set
Requested transmit power at antenna. LSB = 1/32 dBm, 0x000 = −80 dBm, 0xFFF = 47.96875 dBm.
The output power is referenced to a full scale sine wave applied to the transmit baseband inputs.
For WCDMA modulated signals, the output power measured in a 3.84 MHz bandwidth is reduced
by the peak to average ratio of the signal. See the I/Q Modulator section for more details. The valid
range of transmit output power setting is −80 dBm to +10 dBm. Output clipping may occur sooner,
depending on the PAR of the applied signal.
The txpwr_set register should be updated periodically, or with every 5°C change in temperature to
ensure accurate output power. See the VCO Output section for more details.
0
Set this bit to 1 to control the output power from the txpwr_set bits.
31, A1
Write
4
nvmld
Setting this bit to 1 triggers a manual load of the nonvolatile memory contents. See the Software
Initialization Procedure section for more details.
1 X = don’t care.
Table 13. Sub-Address Registers
Register
Bit
Bit Name
Description
0.144, A2 Write
[2:1]
reserved[1:0]
These bits should be set to 11 for normal operation.
0.151, A2 Write
[7:0]
vsup2[7:0]
These bits control the VSUP2 regulator voltage and should be set to 0x6F for normal
operation. During the initialization sequence, the VSUP2 voltage is temporarily set to
3.1 V. See the Software Initialization Procedure section for more details.
0.153, A2 Write
[7:0]
reserved[7:0]
These bits should be set to 0x85 for normal operation.
0.155, A2 Write
[7:0]
reserved[7:0]
These bits should be set to 0x78 for normal operation.
0.165, A2 Write
[7:0]
reserved[7:0]
These bits should be set to 0x20 for normal operation.
0.170, A2 Write
[7:4]
en_mix[3:0]
These bits enable the I, IB, Q, and QB channels of the modulator separately. Set these bits
to all 1s to enable the modulator for normal operation.
0.171, A2 Write
2
buffstate
This bit controls the transmit VCO buffer state.
For transmit synthesizer frequencies > 2100 MHz (Band 1) the buffer state should be set
to 1, and the corresponding VCO buffer value in R0.174 should be set to 0x5F. This
ensures correct device operation for frequencies > 2100 MHz.
For operation below 2100 MHz (Band 2). the buffer state should be set to 0, and the
corresponding VCO buffer value in R0.174 should be set to 0x50. This ensures correct
device operation for frequencies < 2100 MHz.
0.174, A2 Write
[7:0]
buff_value[7:0]
These bits should be set to 0x5F for transmit frequencies >2100 MHz, and 0x50 for
transmit frequencies <2100 MHz. See the description for Register 0.171 for more.
0.175, A2 Write
[7:0]
reserved[7:0]
These bits should be set to 0x14 for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com