Electronic Components Datasheet Search
  English  ▼

X  

ADF4602 Datasheet(PDF) 14 Page - Analog Devices

Part # ADF4602
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADF4602 Datasheet HTML 10Page - Analog Devices ADF4602 Datasheet HTML 11Page - Analog Devices ADF4602 Datasheet HTML 12Page - Analog Devices ADF4602 Datasheet HTML 13Page - Analog Devices ADF4602 Datasheet HTML 14Page - Analog Devices ADF4602 Datasheet HTML 15Page - Analog Devices ADF4602 Datasheet HTML 16Page - Analog Devices ADF4602 Datasheet HTML 17Page - Analog Devices ADF4602 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
ADF4602
Rev. 0 | Page 14 of 36
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
–34 –32 –30 –28 –26 –24 –22 –20 –18 –16 –14 –12 –10 –8
–6 –4
OUTPUT POWER (dBm/3.84MHz)
Figure 17. Current Consumption vs. Transmit Output Power; Frequency =
2170 MHz, VDD = 3.3 V, Test Model 5 Signal, Receiver Disabled
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0.01
0.1
1
10
FREQUENCY (MHz)
Figure 18. Receive WCDMA Baseband Filter Response
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1000
FREQUENCY (kHz)
Figure 19. Receive GSM Baseband Filter Response
16
14
12
10
8
6
4
2
0
20
30
40
50
60
70
80
90
RECEIVE GAIN SETTING (dB)
MIXSTEP = 10
LNASTEP = 6
GAINCAL = 8
Figure 20. Receive EVM vs. Gain; 2.84 MHz QPSK Modulated Input Signal,
WCDMA Receive Baseband Filter
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
20
30
40
50
60
70
80
90
100
RECEIVE GAIN SETTING (dB)
MIXSTEP = 6
LNASTEP = 10
GAINCAL = 8
Figure 21. Receive Gain Step Error vs. Gain Setting, 1 dB Steps,
Measurement was taken by injecting known signal level and measuring the
gain through the device. The gain was then stepped through all settings in
1 dB steps, and the gain step change measured in each case.
25
23
20
18
15
13
10
8
5
3
0
40
50
60
70
80
90
RECEIVE GAIN SETTING (dB)
MIXSTEP = 6
LNASTEP = 10
GAINCAL = 8
Figure 22. Receiver Noise Figure vs. Gain. Rx Frequency = 1955 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com