Electronic Components Datasheet Search
  English  ▼

X  

ADF4602 Datasheet(PDF) 27 Page - Analog Devices

Part # ADF4602
Description  Single-Chip, Multiband 3G Femtocell Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4602 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADF4602 Datasheet HTML 23Page - Analog Devices ADF4602 Datasheet HTML 24Page - Analog Devices ADF4602 Datasheet HTML 25Page - Analog Devices ADF4602 Datasheet HTML 26Page - Analog Devices ADF4602 Datasheet HTML 27Page - Analog Devices ADF4602 Datasheet HTML 28Page - Analog Devices ADF4602 Datasheet HTML 29Page - Analog Devices ADF4602 Datasheet HTML 30Page - Analog Devices ADF4602 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
ADF4602
Rev. 0 | Page 27 of 36
Table 12. Transmitter User Registers
Register
Bit
Bit Name
Description
21, A1
[12:11]
test_I/swap_I
These bits allow various options on the I inputs as detailed in the following table:
Bits
Function
00
Normal operation
01
Swap I differential inputs for ease of PCB routing to DAC
10
Zero input on I inputs
11
DC offset applied to I inputs; creates large carrier at RF
[10:9]
test_Q/swap_Q
These bits allow various options on the Q inputs as detailed in the table below:
Bits
Function
00
Normal operation
01
Swap Q differential inputs for ease of PCB routing to DAC
10
Zero input on Q inputs
11
DC offset applied to Q inputs: creates large carrier at RF
[8:7]
gain_blanksel
During a transmit gain change, some spectral splatter may occur at the output of the transmitter.
These bits allow the input baseband signal at the input to the low-pass filter to be blanked for a
short period, to reduce the spectral splatter observed during the gain change.
gain_blanksel[8:7]
Operation
00
Default setting; no blanking
01
230 ns blanking
10
540 ns blanking
11
850 ns blanking
6
cmmod
This bit adjusts the internal modulator common-mode setting. It should be set to 0. Setting this bit
to 1 results in reduced power consumption but degrades transmit linearity.
[5:0]
vcm_sat_thres
This bit should be set to 0x1F for normal operation.
22, A1
15:
dacgpo_owen
Setting this bit high allows the user to have manual control over DAC2 and GPO1 to GPO4.
[14:11]
gpo_ow
These bits allow manual control of GPO 1 to GPO 4. Bit dacgpo_owen must be set to 1 to allow this
mode of operation. Each bit controls one of the GPOs as per the following table. This allows all
possible permutations of GPO output combinations.
gpo_ow[14 :11]1
Mode
XXX1
GPO1 high
XX1X
GPO2 high
X1XX
GPO3 high
1XXX
GPO4 high
[10:5]
padac2_ow
These bits allow manual control of DAC2. Bit dacgpo_owen must be set to 1 to allow this mode of
operation.
[4:0]
padac1
These bits control DAC1.
26, A1
Write
[15:0]
txfreq
These bits set the transmitter synthesizer frequency in 50 kHz steps from 0 MHz to 3276.75 MHz.
For the high bands, this is equal to the channel frequency, and for the low bands it is 2× the
channel frequency.
For example:
Bit 15 to Bit 0 (Hex)
HB Synthesizer Frequency
LB synthesizer Frequency
0xA730
2140 MHz
1070 MHz
0xA988
2170 MHz
1085 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com