Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  ARM Microprocessor
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3517 Datasheet(HTML) 64 Page - Texas Instruments

Back Button AM3517 Datasheet HTML 60Page - Texas Instruments AM3517 Datasheet HTML 61Page - Texas Instruments AM3517 Datasheet HTML 62Page - Texas Instruments AM3517 Datasheet HTML 63Page - Texas Instruments AM3517 Datasheet HTML 64Page - Texas Instruments AM3517 Datasheet HTML 65Page - Texas Instruments AM3517 Datasheet HTML 66Page - Texas Instruments AM3517 Datasheet HTML 67Page - Texas Instruments AM3517 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 184 page
background image
AM3517/05 ARM Microprocessor
SPRS550 – OCTOBER 2009
www.ti.com
Table 3-4. DC Electrical Characteristics (continued)
PARAMETER
MIN
NOM
MAX
UNIT
TOF
Output fall time from VIHmin to VILmax with a
Fast mode
TBD
TBD
ns
bus capacitance CB from 10 pF to 400 pF
Standard mode
TBD
Output fall time with a capacitive load from 10 High-speed mode
TBD
TBD
pF to 100 pF at 3-mA sink current
Output fall time with a capacitive load of 400
TBD
TBD
pF at 3-mA sink current
Output fall time with a capacitive load of 40
TBD
pF (for CBUS compatibility)
ELECTRICAL CHARACTERISTICS
64
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com