Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  ARM Microprocessor
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3517 Datasheet(HTML) 19 Page - Texas Instruments

Back Button AM3517 Datasheet HTML 15Page - Texas Instruments AM3517 Datasheet HTML 16Page - Texas Instruments AM3517 Datasheet HTML 17Page - Texas Instruments AM3517 Datasheet HTML 18Page - Texas Instruments AM3517 Datasheet HTML 19Page - Texas Instruments AM3517 Datasheet HTML 20Page - Texas Instruments AM3517 Datasheet HTML 21Page - Texas Instruments AM3517 Datasheet HTML 22Page - Texas Instruments AM3517 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 184 page
background image
AM3517/05 ARM Microprocessor
www.ti.com
SPRS550 – OCTOBER 2009
Table 2-1. Ball Characteristics (ZCN Pkg.) (continued)
BALL
PIN NAME
MODE [3]
TYPE [4]
BALL
BALL
RESET REL. POWER [8]
VOLTAGE
HYS [10]
LOAD (pF)
PULL U/D
IO CELL [13]
LOCATION
[2]
RESET
RESET REL. MODE [7]
[9]
[11]
TYPE [12]
[1]
STATE [5]
STATE [6]
AD6
rmii_mdio_cl 0
I
H
PU
7
VDDSHV
1.8V/3.3V
Yes
25
PU/PD
LVCMOS
k
ccdc_data9
1
I
8
gpio_108
4
IO
safe_mode
7
Y7
rmii_rxd0
0
I
H
PU
7
VDDSHV
1.8V/3.3V
Yes
25
PU/ PD
LVCMOS
ccdc_data10 1
I
gpio_109
4
IO
safe_mode
7
AA7
rmii_rxd1
0
I
H
PU
7
VDDSHV
1.8V/3.3V
Yes
25
PU/ PD
LVCMOS
ccdc_data11 1
I
gpio_110
4
IO
safe_mode
7
AB7
rmii_crs_dv
0
I
H
PU
7
VDDSHV
1.8V/3.3V
Yes
25
PU/ PD
LVCMOS
ccdc_data12 1
I
gpio_111
4
IO
safe_mode
7
AC7
rmii_rxer
0
O
H
PU
7
VDDSHV
1.8V/3.3V
Yes
25
PU/ PD
LVCMOS
ccdc_data13 1
I
gpio_167
4
IO
safe_mode
7
AD7
rmii_txd0
0
O
H
PU
7
VDDSHV
1.8V/3.3V
Yes
25
PU/ PD
LVCMOS
ccdc_ data14 1
I
gpio_126
4
IO
safe_mode
7
AE7
rmii_txd1
0
O
H
PU
7
VDDSHV
1.8V/3.3V
Yes
25
PU/PD
LVCMOS
ccdc_data15 1
I
gpio_112
4
I
safe_mode
7
AD8
rmii_txen
0
O
H
PU
7
VDDSHV
1.8V/3.3V
25
PU/PD
LVCMOS
gpio_113
4
I
NA
safe_mode
7
AE8
rmii_50mhz_ 0
I
H
PU
7
VDDSHV
1.8V/3.3V
25
PU/ PD
LVCMOS
clk
gpio_114
4
I
NA
safe_mode
7
D25
mcbsp2_fsx
0
IO
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpio_116
4
IO
safe_mode
7
C25
mcbsp2_
0
IO
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
clkx
gpio_117
4
IO
safe_mode
7
B25
mcbsp2_dr
0
I
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpio_118
4
IO
safe_mode
7
D24
mcbsp2_dx
0
IO
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpio_119
4
IO
safe_mode
7
AA9
mmc1_clk
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpio_120
4
IO
safe_mode
7
AB9
mmc1_cmd
0
IO
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpio_121
4
IO
safe_mode
7
Submit Documentation Feedback
TERMINAL DESCRIPTION
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com