Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  ARM Microprocessor
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3517 Datasheet(HTML) 2 Page - Texas Instruments

  AM3517 Datasheet HTML 1Page - Texas Instruments AM3517 Datasheet HTML 2Page - Texas Instruments AM3517 Datasheet HTML 3Page - Texas Instruments AM3517 Datasheet HTML 4Page - Texas Instruments AM3517 Datasheet HTML 5Page - Texas Instruments AM3517 Datasheet HTML 6Page - Texas Instruments AM3517 Datasheet HTML 7Page - Texas Instruments AM3517 Datasheet HTML 8Page - Texas Instruments AM3517 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 184 page
background image
AM3517/05 ARM Microprocessor
SPRS550 – OCTOBER 2009
www.ti.com
–
Interfaces to Double Data Rate (DDR2)
• ARM CortexTM-A8 Memory Architecture
SRAM
–
ARMv7 Architecture
–
SDRAM Memory Scheduler (SMS) and
• Trust Zone
Rotation Engine
• Thumb-2
• General Purpose Memory Controller (GPMC)
• MMU Enhancements
–
16-bit Wide Multiplexed Address/Data Bus
–
In-Order, Dual-Issue, Superscalar
–
Up to 8 Chip Select Pins With 128M-Byte
Microprocessor Core
Address Space per Chip Select Pin
–
NEON Multimedia Architecture
–
Glueless Interface to NOR Flash, NAND
–
Over 2x Performance of ARMv6 SIMD
Flash (With ECC Hamming Code
–
Supports Both Integer and Floating Point
Calculation), SRAM and Pseudo-SRAM
SIMD
–
Flexible Asynchronous Protocol Control for
–
JAZELLE RCT Execution Environment
Interface to Custom Logic (FPGA, CPLD,
Architecture
ASICs, etc.)
–
Dynamic Branch Prediction with Branch
–
Nonmultiplexed Address/Data Mode
Target Address Cache, Global history
(Limited 2K-Byte Address Space)
buffer and 8 entry return stack
• Test Interfaces
–
Embedded Trace Macrocell [ETM] support
–
IEEE-1149.1 (JTAG) Boundary-Scan
for Non_invasive Debug
Compatible
–
16K-Byte instruction Cache (4-Way set-
–
Embedded Trace Macro Interface (ETM)
associative)
–
Serial Data Transport Interface (SDTI)
–
16K-Byte Data Cache (4-Way
Set-Associative)
• 65-nm CMOS technology
–
256K-Byte L2 Cache
• Applications:
• POWERVR SGX™ Graphics Accelerator
–
Single Board Computers
–
Tile Based Architecture Delivering up to 10
–
Industrial and Home Automation
MPoly/sec
–
Digital Signage
–
Universal Scalable Shader Engine:
–
Point-of-Sale Devices
Multi-threaded Engine Incorporating Pixel
–
Portable Media Player
and Vertex Shader Functionality
–
Portable Industrial
–
Industry Standard API Support: OpenGLES
–
Transportation
1.1 and 2.0, OpenVG1.0
–
Navigation
–
Fine Grained Task Switching, Load
–
Smart White Goods
Balancing, and Power Management
–
Digital TV
–
Programmable, High-Quality Image
Anti-Aliasing
–
Digital Video Camera
–
Gaming
• Endianess
–
Notes:
–
ARM Instructions - Little Endian
*Operating condition restrictions apply.
–
ARM Data – Configurable
**Different memory controller to support
• SDRC Memory Controller
DDR2. New IP support for VPFE, EMAC,
–
16, 32-bit Memory Controller With 1G-Byte
and HECC.
Total Address Space
2
AM3517/05 ARM Microprocessor
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com