Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  ARM Microprocessor
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3517 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AM3517 Datasheet HTML 8Page - Texas Instruments AM3517 Datasheet HTML 9Page - Texas Instruments AM3517 Datasheet HTML 10Page - Texas Instruments AM3517 Datasheet HTML 11Page - Texas Instruments AM3517 Datasheet HTML 12Page - Texas Instruments AM3517 Datasheet HTML 13Page - Texas Instruments AM3517 Datasheet HTML 14Page - Texas Instruments AM3517 Datasheet HTML 15Page - Texas Instruments AM3517 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 184 page
background image
AM3517/05 ARM Microprocessor
SPRS550 – OCTOBER 2009
www.ti.com
13. IO CELL: IO cell information.
Note: Configuring two pins to the same input signal is not supported as it can yield unexpected results.
This can be easily prevented with the proper software configuration.
Table 2-1. Ball Characteristics (ZCN Pkg.)
BALL
PIN NAME
MODE [3]
TYPE [4]
BALL
BALL
RESET REL. POWER [8]
VOLTAGE
HYS [10]
LOAD (pF)
PULL U/D
IO CELL [13]
LOCATION
[2]
RESET
RESET REL. MODE [7]
[9]
[11]
TYPE [12]
[1]
STATE [5]
STATE [6]
B21
sdrc_d0
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
A21
sdrc_d1
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
D20
sdrc_d2
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
C20
sdrc_d3
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
E19
sdrc_d4
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
D19
sdrc_d5
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
C19
sdrc_d6
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
B19
sdrc_d7
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
B18
sdrc_d8
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
D17
sdrc_d9
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
C17
sdrc_d10
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
D16
sdrc_d11
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
C16
sdrc_d12
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
B16
sdrc_d13
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
A16
sdrc_d14
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
A15
sdrc_d15
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
A7
sdrc_d16
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
B7
sdrc_d17
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
D7
sdrc_d18
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
E7
sdrc_d19
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
C6
sdrc_d20
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
D6
sdrc_d21
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
B5
sdrc_d22
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
C5
sdrc_d23
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
B4
sdrc_d24
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
A3
sdrc_d25
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
B3
sdrc_d26
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
C3
sdrc_d27
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
C2
sdrc_d28
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
D2
sdrc_d29
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
B1
sdrc_d30
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
C1
sdrc_d31
0
IO
L
Z
0
VDDS
1.8V
Yes
4
PU/ PD
LVCMOS
A12
sdrc_ba0
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
C13
sdrc_ba1
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
D13
sdrc_ba2
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
A11
sdrc_a0
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
B11
sdrc_a1
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
C11
sdrc_a2
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
D11
sdrc_a3
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
E11
sdrc_a4
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
A10
sdrc_a5
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
B10
sdrc_a6
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
C10
sdrc_a7
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
D10
sdrc_a8
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
E10
sdrc_a9
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
A9
sdrc_a10
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
B9
sdrc_a11
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
A8
sdrc_a12
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
B8
sdrc_a13
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
TERMINAL DESCRIPTION
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com