Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  ARM Microprocessor
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3517 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AM3517 Datasheet HTML 13Page - Texas Instruments AM3517 Datasheet HTML 14Page - Texas Instruments AM3517 Datasheet HTML 15Page - Texas Instruments AM3517 Datasheet HTML 16Page - Texas Instruments AM3517 Datasheet HTML 17Page - Texas Instruments AM3517 Datasheet HTML 18Page - Texas Instruments AM3517 Datasheet HTML 19Page - Texas Instruments AM3517 Datasheet HTML 20Page - Texas Instruments AM3517 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 184 page
background image
AM3517/05 ARM Microprocessor
www.ti.com
SPRS550 – OCTOBER 2009
Table 2-1. Ball Characteristics (ZCN Pkg.) (continued)
BALL
PIN NAME
MODE [3]
TYPE [4]
BALL
BALL
RESET REL. POWER [8]
VOLTAGE
HYS [10]
LOAD (pF)
PULL U/D
IO CELL [13]
LOCATION
[2]
RESET
RESET REL. MODE [7]
[9]
[11]
TYPE [12]
[1]
STATE [5]
STATE [6]
safe_mode
7
Y23
dss_data11
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
gpio_81
4
IO
safe_mode
7
Y24
dss_data12
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
gpio_82
4
IO
safe_mode
7
Y25
dss_data13
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
gpio_83
4
IO
safe_mode
7
W21
dss_data14
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
gpio_84
4
IO
safe_mode
7
W22
dss_data15
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
gpio_85
4
IO
safe_mode
7
W23
dss_data16
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
gpio_86
4
IO
safe_mode
7
W24
dss_data17
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
gpio_87
4
IO
safe_mode
7
W25
dss_data18
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
mcspi3_clk
2
IO
dss_data4
3
O
gpio_88
4
IO
safe_mode
7
V24
dss_data19
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
mcspi3_
2
IO
simo
dss_data3
3
O
gpio_89
4
IO
safe_mode
7
V25
dss_data20
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
mcspi3_
2
IO
somi
dss_data2
3
O
gpio_90
4
IO
safe_mode
7
U21
dss_data21
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
mcspi3_cs0
2
IO
dss_data1
3
O
gpio_91
4
IO
safe_mode
7
U22
dss_data22
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
mcspi3_cs1
2
O
dss_data0
3
O
gpio_92
4
IO
safe_mode
7
U23
dss_data23
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
20
PU/ PD
LVCMOS
dss_data5
3
O
gpio_93
4
IO
safe_mode
7
H24
tv_out2
0
O
0
VDDA_DAC
1.8V
NA
10-bit DAC
K21
tv_out1
0
O
0
VDDA_DAC
1.8V
NA
10-bit DAC
Submit Documentation Feedback
TERMINAL DESCRIPTION
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com