Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  ARM Microprocessor
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3517 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AM3517 Datasheet HTML 9Page - Texas Instruments AM3517 Datasheet HTML 10Page - Texas Instruments AM3517 Datasheet HTML 11Page - Texas Instruments AM3517 Datasheet HTML 12Page - Texas Instruments AM3517 Datasheet HTML 13Page - Texas Instruments AM3517 Datasheet HTML 14Page - Texas Instruments AM3517 Datasheet HTML 15Page - Texas Instruments AM3517 Datasheet HTML 16Page - Texas Instruments AM3517 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 184 page
background image
AM3517/05 ARM Microprocessor
www.ti.com
SPRS550 – OCTOBER 2009
Table 2-1. Ball Characteristics (ZCN Pkg.) (continued)
BALL
PIN NAME
MODE [3]
TYPE [4]
BALL
BALL
RESET REL. POWER [8]
VOLTAGE
HYS [10]
LOAD (pF)
PULL U/D
IO CELL [13]
LOCATION
[2]
RESET
RESET REL. MODE [7]
[9]
[11]
TYPE [12]
[1]
STATE [5]
STATE [6]
D8
sdrc_a14
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
E13
sdrc_ncs0
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
A14
sdrc_ncs1
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
A13
sdrc_clk
0
IO
L
Z
0
VDDS
1.8V
Yes
8
PU/ PD
LVCMOS
B13
sdrc_nclk
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
D14
sdrc_cke0
0
O
L
PD
7
VDDS
1.8V
Yes
8
PU/ PD
LVCMOS
sdrc_cke0_s 7
L
afe
C14
sdrc_nras
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
E14
sdrc_ncas
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
B14
sdrc_nwe
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
C21
sdrc_dm0
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
B15
sdrc_dm1
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
E8
sdrc_dm2
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
D1
sdrc_dm3
0
O
L
Z
0
VDDS
1.8V
No
8
PU/ PD
LVCMOS
B20
sdrc_dqs0p
0
IO
L
Z
0
VDDS
1.8V
Yes
8
PU/ PD
LVCMOS
B17
sdrc_dqs1p
0
IO
L
Z
0
VDDS
1.8V
Yes
8
PU/ PD
LVCMOS
A6
sdrc_dqs2p
0
IO
L
Z
0
VDDS
1.8V
Yes
8
PU/ PD
LVCMOS
A2
sdrc_dqs3p
0
IO
L
Z
0
VDDS
1.8V
Yes
8
PU/ PD
LVCMOS
A20
sdrc_dqs0n
0
IO
L
Z
0
VDDS
1.8V
8
PU/ PD
LVCMOS
A17
sdrc_dqs1n
0
IO
L
Z
0
VDDS
1.8V
8
PU/ PD
LVCMOS
B6
sdrc_dqs2n
0
IO
L
Z
0
VDDS
1.8V
8
PU/ PD
LVCMOS
B2
sdrc_dqs3n
0
IO
L
Z
0
VDDS
1.8V
8
PU/ PD
LVCMOS
C8
sdrc_odt0
0
L
Z
0
VDDS
1.8V
8
PU/ PD
LVCMOS
A19
sdrc_strben0 0
L
Z
0
VDDS
1.8V
8
PU/ PD
LVCMOS
A18
sdrc_strben_ 0
L
Z
0
VDDS
1.8V
8
PU/ PD
LVCMOS
dly0
A5
sdrc_strben1 0
L
Z
0
VDDS
1.8V
8
PU/ PD
LVCMOS
A4
sdrc_strben_ 0
L
Z
0
VDDS
1.8V
8
PU/ PD
LVCMOS
dly1
B12
ddr_padref
0
PWR
VDDS
1.8V
E3
gpmc_a1
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpio_34
4
IO
safe_mode
7
E2
gpmc_a2
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpio_35
4
IO
safe_mode
7
E1
gpmc_a3
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpio_36
4
IO
safe_mode
7
F7
gpmc_a4
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpio_37
4
IO
safe_mode
7
F6
gpmc_a5
0
O
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpio_38
4
IO
safe_mode
7
F4
gpmc_a6
0
O
H
PU
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpio_39
4
IO
safe_mode
7
F3
gpmc_a7
0
O
H
PU
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpio_40
4
IO
safe_mode
7
F2
gpmc_a8
0
O
H
PU
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
gpio_41
4
IO
safe_mode
7
Submit Documentation Feedback
TERMINAL DESCRIPTION
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com