Electronic Components Datasheet Search
  English  ▼

X  

AM3517 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  ARM Microprocessor
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3517 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AM3517 Datasheet HTML 17Page - Texas Instruments AM3517 Datasheet HTML 18Page - Texas Instruments AM3517 Datasheet HTML 19Page - Texas Instruments AM3517 Datasheet HTML 20Page - Texas Instruments AM3517 Datasheet HTML 21Page - Texas Instruments AM3517 Datasheet HTML 22Page - Texas Instruments AM3517 Datasheet HTML 23Page - Texas Instruments AM3517 Datasheet HTML 24Page - Texas Instruments AM3517 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 184 page
background image
AM3517/05 ARM Microprocessor
www.ti.com
SPRS550 – OCTOBER 2009
Table 2-1. Ball Characteristics (ZCN Pkg.) (continued)
BALL
PIN NAME
MODE [3]
TYPE [4]
BALL
BALL
RESET REL. POWER [8]
VOLTAGE
HYS [10]
LOAD (pF)
PULL U/D
IO CELL [13]
LOCATION
[2]
RESET
RESET REL. MODE [7]
[9]
[11]
TYPE [12]
[1]
STATE [5]
STATE [6]
gpio_135
4
IO
safe_mode
7
AB13
mmc2_ dat4
0
IO
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
mmc2_dir_da 1
O
t0
mmc3_dat0
3
IO
gpio_136
4
IO
safe_mode
7
AC13
mmc2_ dat5
0
IO
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
mmc2_dir_da 1
O
t1
mmc3_dat1
3
IO
gpio_137
4
IO
mm_fsusb3_r 6
IO
xdp
safe_mode
7
AD13
mmc2_ dat6
0
IO
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
mmc2_dir_
1
O
cmd
mmc3_dat2
3
IO
gpio_138
4
IO
safe_mode
7
AE13
mmc2_ dat7
0
IO
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
mmc2_ clkin 1
I
mmc3_dat3
3
IO
gpio_139
4
IO
mm_fsusb3_r 6
IO
xdm
safe_mode
7
B24
mcbsp3_dx
0
IO
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
uart2_cts
1
I
gpio_140
4
IO
safe_mode
7
C24
mcbsp3_dr
0
I
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
uart2_rts
1
O
gpio_141
4
IO
safe_mode
7
A24
mcbsp3_
0
IO
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
clkx
uart2_tx
1
O
gpio_142
4
IO
safe_mode
7
C23
mcbsp3_fsx
0
IO
L
PD
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
uart2_rx
1
I
gpio_143
4
IO
safe_mode
7
F20
uart2_cts
0
I
H
PU
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
mcbsp3_dx
1
IO
gpt9_pwm_e 2
IO
vt
gpio_144
4
IO
safe_mode
7
F19
uart2_rts
0
O
H
PU
7
VDDSHV
1.8V/3.3V
Yes
30
PU/ PD
LVCMOS
mcbsp3_dr
1
I
gpt10_pwm_ 2
IO
evt
gpio_145
4
IO
Submit Documentation Feedback
TERMINAL DESCRIPTION
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com