Electronic Components Datasheet Search
  English  ▼

X  

USB2512B Datasheet(PDF) 12 Page - SMSC Corporation

Part # USB2512B
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512B Datasheet(HTML) 12 Page - SMSC Corporation

Back Button USB2512B Datasheet HTML 8Page - SMSC Corporation USB2512B Datasheet HTML 9Page - SMSC Corporation USB2512B Datasheet HTML 10Page - SMSC Corporation USB2512B Datasheet HTML 11Page - SMSC Corporation USB2512B Datasheet HTML 12Page - SMSC Corporation USB2512B Datasheet HTML 13Page - SMSC Corporation USB2512B Datasheet HTML 14Page - SMSC Corporation USB2512B Datasheet HTML 15Page - SMSC Corporation USB2512B Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (3-11-09)
12
SMSC USB251x
DATASHEET
Chapter 5 Pin Descriptions
This chapter is organized by a set of pin configurations (organized by package type) followed by a
corresponding pin list organized alphabetically. A comprehensive and detailed description list of each
signal (named in the pin list) is organized by function in Table 5.2, “USB251x Pin Descriptions,” on
page 22. Please refer to Table 5.3, “Buffer Type Descriptions,” on page 27 for a list of buffer types.
The “N” symbol in the signal name indicates that the active, or asserted, state occurs when the signal
is at a low voltage level. When “N” is not present after the signal name, the signal is asserted when it
is at the high voltage level. The terms assertion and negation are used exclusively. This is done to
avoid confusion when working with a mixture of “active low” and “active high” signals. The term assert,
or assertion, indicates that a signal is active, independent of whether that level is represented by a
high or low voltage. The term negate, or negation, indicates that a signal is inactive.
5.1
Pin Configurations and Lists (Organized by Package Type)
Figure 5.1 2-Port 36-Pin QFN
Note: *Battery charging enable (BC_EN) is only available in the USB251xB/Bi.
Ground Pad
(must be connected to VSS)
SMSC
USB2512/12A/12B
USB2512i/12Ai/12Bi
(Top View QFN-36)
18
NC
17
OCS_N[2]
16
PRTPWR[2] / BC_EN[2]*
15
OCS_N[1]
14
VDD33
13
CRFILT
12
PRTPWR[1] / BC_EN[1]*
11
TEST
10
VDD33
SUSP_IND / LOCAL_PWR / NON_REM[0]
28
VDD33
29
USBDP_UP
31
XTALOUT
32
XTALIN / CLKIN
33
RBIAS
36
VDD33
35
PLLFILT
34
USBDM_UP
30
Indicates pins on the bottom of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com