Electronic Components Datasheet Search
  English  ▼

X  

USB2512B Datasheet(PDF) 40 Page - SMSC Corporation

Part # USB2512B
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512B Datasheet(HTML) 40 Page - SMSC Corporation

Back Button USB2512B Datasheet HTML 36Page - SMSC Corporation USB2512B Datasheet HTML 37Page - SMSC Corporation USB2512B Datasheet HTML 38Page - SMSC Corporation USB2512B Datasheet HTML 39Page - SMSC Corporation USB2512B Datasheet HTML 40Page - SMSC Corporation USB2512B Datasheet HTML 41Page - SMSC Corporation USB2512B Datasheet HTML 42Page - SMSC Corporation USB2512B Datasheet HTML 43Page - SMSC Corporation USB2512B Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (3-11-09)
40
SMSC USB251x
DATASHEET
8.2.1.9
Register 08h: Configuration Data Byte 3
8.2.1.10
Register 09h: Non-Removable Device
BIT
NUMBER
BIT NAME
DESCRIPTION
7:4
Reserved
Reserved
3
PRTMAP_EN
Port mapping enable: Selects the method used by the hub to assign port
numbers and disable ports.
‘0’ = Standard mode
‘1’ = Port mapping mode
2:1
LED_MODE
LED Mode Selection: The LED_A[x:1]_N and LED_B[x:1]_N pins support
several different modes of operation (depending upon OEM implementation
of the LED circuit).
‘00' = USB Mode
‘01’ = Speed Indication Mode
‘10’ = Same as ‘00’, USB Mode
‘11’ = Same as ‘00’, USB Mode
Warning: Do not enable an LED mode that requires LED pins that are not
available in the specific package being used in the implementation.
Note:
The hub will only report that it supports LED's to the host when
USB mode is selected. All other modes will be reported as No LED
Support.
0
STRING_EN
Enables String Descriptor Support
‘0’ = String support disabled
‘1’ = String support enabled
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
NR_DEVICE
Non-removable Device: Indicates which port(s) include non-removable
devices.
‘0’ = port is removable
‘1’ = port is non-removable
Informs the host if one of the active ports has a permanent device that is
undetachable from the hub. (Note: The device must provide its own
descriptor data.)
When using the internal default option, the NON_REM[1:0] pins will
designate the appropriate ports as being non- removable.
Bit 7= Controls Port 7
Bit 6= Controls Port 6
Bit 5= Controls Port 5
Bit 4= Controls Port 4
Bit 3= Controls Port 3
Bit 2= Controls Port 2
Bit 1= Controls Port 1
Bit 0= Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com