Electronic Components Datasheet Search
  English  ▼

X  

USB2512B Datasheet(PDF) 58 Page - SMSC Corporation

Part # USB2512B
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512B Datasheet(HTML) 58 Page - SMSC Corporation

Back Button USB2512B Datasheet HTML 54Page - SMSC Corporation USB2512B Datasheet HTML 55Page - SMSC Corporation USB2512B Datasheet HTML 56Page - SMSC Corporation USB2512B Datasheet HTML 57Page - SMSC Corporation USB2512B Datasheet HTML 58Page - SMSC Corporation USB2512B Datasheet HTML 59Page - SMSC Corporation USB2512B Datasheet HTML 60Page - SMSC Corporation USB2512B Datasheet HTML 61Page - SMSC Corporation USB2512B Datasheet HTML 62Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (3-11-09)
58
SMSC USB251x
DATASHEET
8.6.1.3
RESET_N for SMBus Slave Configuration
Figure 8.5 Reset_N Timing for SMBus Mode
Notes:
For bus-powered configurations, the 99.5 ms (MAX) is required, and the hub and its associated
circuitry must not consume more than 100 mA from the upstream USB power source during
t2+t3+t4+t5+t6+t7. For Self-Powered configurations, t3 MAX is not applicable and the time to load
the configuration is determined by the external SMBus host.
All power supplies must have reached the operating levels mandated in Chapter 9, DC Parameters,
prior to (or coincident with) the assertion of RESET_N.
8.6.2
USB Bus Reset
In response to the upstream port signaling a reset to the hub, the hub does the following:
Note: The hub does not propagate the upstream USB reset to downstream devices.
1. Sets default address to 0.
2. Sets configuration to: Unconfigured.
3. Negates PRTPWR[x:1] to all downstream ports unless battery charging (BC_EN) is enabled.
4. Clears all TT buffers.
5. Moves device from suspended to active (if suspended).
Table 8.9 Reset_N Timing for SMBus Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
RESET_N Asserted.
1
μsec
t2
Hub Recovery/Stabilization.
500
μsec
t3
SMBus Code Load (See Note).
250
300
msec
t4
Hub Configuration and USB Attach.
100
msec
t5
Host acknowledges attach and signals USB
Reset.
100
msec
t6
USB Idle.
Undefined
msec
t7
Completion time for requests (with or without data
stage).
5
msec
t1
t2
t4
t5
t6
t7
RESET_N
VSS
Hardware
reset
asserted
Reset
Negation
SMBus Code
Load
Attach
USB
Upstream
USB Reset
recovery
Idle
Start
completion
request
response
t3
Hub PHY
Stabilization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com