Electronic Components Datasheet Search
  English  ▼

X  

USB2512B Datasheet(PDF) 24 Page - SMSC Corporation

Part # USB2512B
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512B Datasheet(HTML) 24 Page - SMSC Corporation

Back Button USB2512B Datasheet HTML 20Page - SMSC Corporation USB2512B Datasheet HTML 21Page - SMSC Corporation USB2512B Datasheet HTML 22Page - SMSC Corporation USB2512B Datasheet HTML 23Page - SMSC Corporation USB2512B Datasheet HTML 24Page - SMSC Corporation USB2512B Datasheet HTML 25Page - SMSC Corporation USB2512B Datasheet HTML 26Page - SMSC Corporation USB2512B Datasheet HTML 27Page - SMSC Corporation USB2512B Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (3-11-09)
24
SMSC USB251x
DATASHEET
DOWNSTREAM USB 2.0 INTERFACES (continued)
LED_B_N[2:1] /
BOOST[1:0]
I/O12
Enhanced Indicator Port LED for ports 1 and 2
Enhanced indicator LED for ports 1 and 2. This pin will be active low when
LED support is enabled via EEPROM or SMBus.
If this strap option is enabled by package and configuration settings (see
Table 8.1, "Hub Configuration Options"), this pin will be sampled at RESET_N
negation to determine if all PHY ports (upstream and downstream) operate at
a normal or boosted electrical level. Also, the active state of the LEDs will be
determined as follows:
See Section 8.2.1.27, "Register F6h: Boost_Up," on page 45 and Section
8.2.1.29, "Register F8h: Boost_4:0," on page 47 for more information.
BOOST[1:0] = BOOST_IOUT[1:0]
BOOST[1:0] = ‘00’,
LED_B_N[2] is active high,
LED_B_N[1] is active high.
BOOST[1:0] = ‘01’,
LED_B_N[2] is active high,
LED_B_N[1] is active low.
BOOST[1:0] = ‘10’,
LED_B_N[2] is active low,
LED_B_N[1] is active high.
BOOST[1:0] = ‘11’,
LED_B_N[2] is active low,
LED_B_N[1] is active low.
PRTPWR_POL
IPU
Port Power Polarity Strapping
Port Power Polarity strapping determination for the active signal polarity of
the [x:1]PRTPWR pins.
While RESET_N is asserted, the logic state of this pin will (through the use
of internal combinatorial logic) determine the active state of the PRTPWR
pins in order to ensure that downstream port power is not inadvertently
enabled to inactive ports during a hardware reset.
When RESET_N is negated, the logic value will be latched internally, and will
retain the active signal polarity for the PRTPWR[x:1] pins.
‘1’ = PRTPWR[x:1]_P/N pins have an active ‘high’ polarity
‘0’ = PRTPWR[x:1]_P/N pins have an active ‘low’ polarity
Warning: Active low port power controllers may glitch the downstream port
power when the system power is first applied. Care should be taken when
designing with active low components.
When PRTPWR_POL is not an available pin on the package, the hub will only
support active high power controllers.
OCS_N[x:1]
IPU
Over-Current Sense
Input from external current monitor indicating an over-current condition.
RBIAS
I-R
USB Transceiver Bias
A 12.0 k
Ω (+/- 1%) resistor is attached from ground to this pin to set the
transceiver’s internal bias settings.
Table 5.2 USB251x Pin Descriptions (continued)
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com