Electronic Components Datasheet Search
  English  ▼

X  

USB2512B Datasheet(PDF) 25 Page - SMSC Corporation

Part # USB2512B
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512B Datasheet(HTML) 25 Page - SMSC Corporation

Back Button USB2512B Datasheet HTML 21Page - SMSC Corporation USB2512B Datasheet HTML 22Page - SMSC Corporation USB2512B Datasheet HTML 23Page - SMSC Corporation USB2512B Datasheet HTML 24Page - SMSC Corporation USB2512B Datasheet HTML 25Page - SMSC Corporation USB2512B Datasheet HTML 26Page - SMSC Corporation USB2512B Datasheet HTML 27Page - SMSC Corporation USB2512B Datasheet HTML 28Page - SMSC Corporation USB2512B Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
25
Revision 1.0 (3-11-09)
DATASHEET
SERIAL PORT INTERFACES
SDA /
SMBDATA /
NON_REM[1]
I/OSD12
Serial Data signal (SDA)
Server Message Block Data signal (SMBDATA)
Non-removable port strap option
If this strap is enabled by package and configuration settings (see Table 8.1),
this pin will be sampled (in conjunction with LOCAL_PWR / SUSP_IND /
NON_REM[0]) at RESET_N negation to determine if ports [7:1] contain
permanently attached (non-removable) devices:
NON_REM[1:0] = ‘00’, All ports are removable.
NON_REM[1:0] = ‘01’, Port 1 is non-removable.
NON_REM[1:0] = ‘10’, Ports 1 & 2 are non-removable.
NON_REM[1:0] = ‘11’, When available, ports 1 2 & 3 are non-removable.
RESET_N
IS
RESET Input
The system can reset the chip by driving this input low. The minimum active
low pulse is 1
μs.
SCL /
SMBCLK /
CFG_SEL[0]
I/OSD12
Serial Clock (SCL)
System Management Bus Clock (SMBCLK)
Configuration Select: The logic state of this multifunction pin is internally
latched on the rising edge of RESET_N (RESET_N negation), and will
determine the hub configuration method as described in Table 8.1, "Hub
Configuration Options".
HS_IND /
CFG_SEL[1]
I/O12
Hi-Speed Upstream Port Indicator
HS_IND: Hi-speed Indicator for upstream port connection speed.
The active state of the LED will be determined as follows:
CFG_SEL[1] = ‘0’,
HS_IND is active high,
CFG_SEL[1] = ‘1’,
HS_IND is active low,
‘Asserted’ = the hub is connected at HS
‘Negated’ = the hub is connected at FS
Configuration Programming Select
CFG_SEL[1]: The logic state of this pin is internally latched on the rising edge
of RESET_N (RESET_N negation), and will determine the hub configuration
method as described in Table 8.1, "Hub Configuration Options".
CFG_SEL[2]
I
Configuration Programming Select
The logic state of this pin is internally latched on the rising edge of RESET_N
(RESET_N negation), and will determine the hub configuration method as
described in Table 8.1, "Hub Configuration Options". When the CFG_SEL[2]
pin is unavailable, then the logic is internally tied to ‘0’.
Table 5.2 USB251x Pin Descriptions (continued)
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com