Electronic Components Datasheet Search
  English  ▼

X  

USB2512B Datasheet(PDF) 37 Page - SMSC Corporation

Part # USB2512B
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512B Datasheet(HTML) 37 Page - SMSC Corporation

Back Button USB2512B Datasheet HTML 33Page - SMSC Corporation USB2512B Datasheet HTML 34Page - SMSC Corporation USB2512B Datasheet HTML 35Page - SMSC Corporation USB2512B Datasheet HTML 36Page - SMSC Corporation USB2512B Datasheet HTML 37Page - SMSC Corporation USB2512B Datasheet HTML 38Page - SMSC Corporation USB2512B Datasheet HTML 39Page - SMSC Corporation USB2512B Datasheet HTML 40Page - SMSC Corporation USB2512B Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
37
Revision 1.0 (3-11-09)
DATASHEET
8.2.1.3
Register 02h: Product ID (LSB)
8.2.1.4
Register 03h: Product ID (MSB)
8.2.1.5
Register 04h: Device ID (LSB)
8.2.1.6
Register 05h: Device ID (MSB)
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
PID_LSB
Least Significant Byte of the Product ID. This is a 16-bit value that the Vendor
can assign that uniquely identifies this particular product (assigned by OEM).
This field is set by the OEM using either the SMBus or EEPROM interface
options.
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
PID_MSB
Most Significant Byte of the Product ID. This is a 16-bit value that the Vendor
can assign that uniquely identifies this particular product (assigned by OEM).
This field is set by the OEM using either the SMBus or EEPROM interface
options.
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
DID_LSB
Least Significant Byte of the Device ID. This is a 16-bit device release
number in BCD format (assigned by OEM). This field is set by the OEM
using either the SMBus or EEPROM interface options.
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
DID_MSB
Most Significant Byte of the Device ID. This is a 16-bit device release
number in BCD format (assigned by OEM). This field is set by the OEM
using either the SMBus or EEPROM interface options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com