Electronic Components Datasheet Search
  English  ▼

X  

USB2512B Datasheet(PDF) 42 Page - SMSC Corporation

Part # USB2512B
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512B Datasheet(HTML) 42 Page - SMSC Corporation

Back Button USB2512B Datasheet HTML 38Page - SMSC Corporation USB2512B Datasheet HTML 39Page - SMSC Corporation USB2512B Datasheet HTML 40Page - SMSC Corporation USB2512B Datasheet HTML 41Page - SMSC Corporation USB2512B Datasheet HTML 42Page - SMSC Corporation USB2512B Datasheet HTML 43Page - SMSC Corporation USB2512B Datasheet HTML 44Page - SMSC Corporation USB2512B Datasheet HTML 45Page - SMSC Corporation USB2512B Datasheet HTML 46Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (3-11-09)
42
SMSC USB251x
DATASHEET
8.2.1.13
Register 0Ch: Max Power For Self-Powered Operation
8.2.1.14
Register 0Dh: Max Power For Bus-Powered Operation
8.2.1.15
Register 0Eh: Hub Controller Max Current For Self-Powered Operation
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
MAX_PWR_SP
Max Power Self_Powered: Value in 2 mA increments that the hub consumes
from an upstream port (VBUS) when operating as a self-powered hub. This
value includes the hub silicon along with the combined power consumption
(from VBUS) of all associated circuitry on the board. This value also includes
the power consumption of a permanently attached peripheral if the hub is
configured as a compound device, and the embedded peripheral reports 0
mA in its descriptors.
Note:
The USB 2.0 specification does not permit this value to exceed 100
mA
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
MAX_PWR_BP
Max Power Bus_Powered: Value in 2 mA increments that the hub consumes
from an upstream port (VBUS) when operating as a bus-powered hub. This
value includes the hub silicon along with the combined power consumption
(from VBUS) of all associated circuitry on the board. This value also includes
the power consumption of a permanently attached peripheral if the hub is
configured as a compound device, and the embedded peripheral reports 0
mA in its descriptors.
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
HC_MAX_C_SP
Hub Controller Max Current Self-Powered: Value in 2 mA increments that the
hub consumes from an upstream port (VBUS) when operating as a self-
powered hub. This value includes the hub silicon along with the combined
power consumption (from VBUS) of all associated circuitry on the board.
This value does NOT include the power consumption of a permanently
attached peripheral if the hub is configured as a compound device.
Note:
The USB 2.0 specification does not permit this value to exceed 100
mA
A value of 50 (decimal) indicates 100 mA, which is the default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com