Electronic Components Datasheet Search
  English  ▼

X  

USB2512B Datasheet(PDF) 55 Page - SMSC Corporation

Part # USB2512B
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512B Datasheet(HTML) 55 Page - SMSC Corporation

Back Button USB2512B Datasheet HTML 51Page - SMSC Corporation USB2512B Datasheet HTML 52Page - SMSC Corporation USB2512B Datasheet HTML 53Page - SMSC Corporation USB2512B Datasheet HTML 54Page - SMSC Corporation USB2512B Datasheet HTML 55Page - SMSC Corporation USB2512B Datasheet HTML 56Page - SMSC Corporation USB2512B Datasheet HTML 57Page - SMSC Corporation USB2512B Datasheet HTML 58Page - SMSC Corporation USB2512B Datasheet HTML 59Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
55
Revision 1.0 (3-11-09)
DATASHEET
8.3.9
SMBus Alert Response Address
The SMBALERT# signal is not supported by the hub.
8.3.9.1
Undefined Registers
The registers shown in Table 8.2 are the defined registers in the hub. Reads to undefined registers
return 00h. Writes to undefined registers have no effect and do not return an error.
8.3.9.2
Reserved Registers
Reserved registers should be written to ‘0’ unless otherwise specified. Contents read should be
ignored.
8.4
Default Configuration Option:
To configure the SMSC hub in its default configuration, strap CFG_SEL[2:0] to 00h. This procedure
configures the hub to the internal defaults and enables the strapping options. Please see Section 8.2.1,
"Internal Register Set (Common to EEPROM and SMBus)" for the list of the default values. For specific
pin strapping options, please see Chapter 5, Pin Descriptions for instructions on how to modify the
default values. Options include port disable and non-removable pin strapping.
8.5
Default Strapping Options:
The USB251x can be configured via a combination of internal default values and pin strap options.
Please see Table 8.2 for specific details on how to enable the default/pin-strap configuration option.
The strapping option pins only cover a limited sub-set of the configuration options. The internal default
values will be used for the bits & registers that are not controlled by a strapping option pin. Please
refer to Table 8.2 for the internal default values that are loaded when this option is selected.
8.6
Reset
There are two different resets that the hub experiences. One is a hardware reset via the RESET_N
pin and the second is a USB Bus Reset.
8.6.1
External Hardware RESET_N
A valid hardware reset is defined as assertion of RESET_N for a minimum of 1
μs after all power
supplies are within operating range. While reset is asserted, the hub (and its associated external
circuitry) consumes less than 500
μA of current from the upstream USB power source.
Assertion of RESET_N (external pin) causes the following:
1. All downstream ports are disabled, and PRTPWR power to downstream devices is removed (unless
BC_EN is enabled).
2. The PHYs are disabled, and the differential pairs will be in a high-impedance state.
3. All transactions immediately terminate; no states are saved.
4. All internal registers return to the default state (in most cases, 00(h)).
5. The external crystal oscillator is halted.
6. The PLL is halted.
The hub is “operational” 500
μs after RESET_N is negated. Once operational, the hub immediately
reads OEM-specific data from the external EEPROM (if the SMBus option is not disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com