Electronic Components Datasheet Search
  English  ▼

X  

USB2512B Datasheet(PDF) 26 Page - SMSC Corporation

Part # USB2512B
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512B Datasheet(HTML) 26 Page - SMSC Corporation

Back Button USB2512B Datasheet HTML 22Page - SMSC Corporation USB2512B Datasheet HTML 23Page - SMSC Corporation USB2512B Datasheet HTML 24Page - SMSC Corporation USB2512B Datasheet HTML 25Page - SMSC Corporation USB2512B Datasheet HTML 26Page - SMSC Corporation USB2512B Datasheet HTML 27Page - SMSC Corporation USB2512B Datasheet HTML 28Page - SMSC Corporation USB2512B Datasheet HTML 29Page - SMSC Corporation USB2512B Datasheet HTML 30Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (3-11-09)
26
SMSC USB251x
DATASHEET
MISC
XTALIN
ICLKx
Crystal Input
24 MHz crystal
This pin connects to either one terminal of the crystal or to an external
24 MHz clock when a crystal is not used.
CLKIN
External Clock Input
This pin connects to either one terminal of the crystal or to an external
24 MHz clock when a crystal is not used.
XTALOUT
OCLKx
Crystal Output
24 MHz Crystal
This is the other terminal of the crystal, or a no connect pin, when an external
clock source is used to drive XTALIN/CLKIN.
SUSP_IND /
LOCAL_PWR /
NON_REM[0]
I/O
Active/Suspend status LED
Suspend Indicator: Indicates USB state of the hub.
‘negated’ = Unconfigured, or configured and in USB Suspend
‘asserted’ = the hub is configured, and is active (i.e., not in suspend)
Local Power: Detects availability of local self-power source.
Low = Self/local power source is NOT available (i.e., the hub gets all power
from Upstream USB VBus).
High = Self/local power source is available.
NON_REM[0] Strap Option:
If this strap is enabled by package and configuration settings (see Table 8.1,
"Hub Configuration Options"), this pin will be sampled (in conjunction with
NON_REM[1]) at RESET_N negation to determine if ports [x:1] contain
permanently attached (non-removable) devices. Also, the active state of the
LED will be determined as follows:
NON_REM[1:0] = ‘00’, All ports are removable, and the LED is active high
NON_REM[1:0] = ‘01’, Port 1 is non-removable, and the LED is active low
NON_REM[1:0] = ‘10’, Ports 1 & 2 are non-removable, and the LED is active
high
NON_REM[1:0] = ‘11’, When available, ports 1, 2 & 3 are non-removable, and
the LED is active low
TEST
IPD
TEST pin
User must treat as a no connect pin or connect to ground. No trace or signal
should be routed or attached to this pin.
Table 5.2 USB251x Pin Descriptions (continued)
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com