Electronic Components Datasheet Search
  English  ▼

X  

USB2512B Datasheet(PDF) 61 Page - SMSC Corporation

Part # USB2512B
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512B Datasheet(HTML) 61 Page - SMSC Corporation

Back Button USB2512B Datasheet HTML 57Page - SMSC Corporation USB2512B Datasheet HTML 58Page - SMSC Corporation USB2512B Datasheet HTML 59Page - SMSC Corporation USB2512B Datasheet HTML 60Page - SMSC Corporation USB2512B Datasheet HTML 61Page - SMSC Corporation USB2512B Datasheet HTML 62Page - SMSC Corporation USB2512B Datasheet HTML 63Page - SMSC Corporation USB2512B Datasheet HTML 64Page - SMSC Corporation USB2512B Datasheet HTML 65Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
61
Revision 1.0 (3-11-09)
DATASHEET
Figure 9.1 Supply Rise Time Model
Table 9.1 DC Electrical Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
I, IS Type Input Buffer
Low Input Level
High Input Level
Input Leakage
Hysteresis (‘IS’ Only)
VILI
VIHI
IIL
VHYSI
2.0
-10
250
0.8
+10
350
V
V
μA
mV
TTL Levels
VIN = 0 to VDD33
Input Buffer with Pull-Up (IPU)
Low Input Level
High Input Level
Low Input Leakage
High Input Leakage
VILI
VIHI
IILL
IIHL
2.0
+35
-10
0.8
+90
+10
V
V
μA
μA
TTL Levels
VIN = 0
VIN = VDD33
Input Buffer with Pull-Down (IPD)
Low Input Level
High Input Level
Low Input Leakage
High Input Leakage
VILI
VIHI
IILL
IIHL
2.0
+10
-35
0.8
-10
-90
V
V
μA
μA
TTL Levels
VIN = 0
VIN = VDD33
ICLK Input Buffer
Low Input Level
High Input Level
Input Leakage
VILCK
VIHCK
IIL
1.4
-10
0.5
+10
V
V
μA
VIN = 0 to VDD33
t10%
10%
90%
Voltage
tRT
t90%
Time
100%
3.3 V
VSS
VDD33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com