Electronic Components Datasheet Search
  English  ▼

X  

USB2512B Datasheet(PDF) 31 Page - SMSC Corporation

Part # USB2512B
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512B Datasheet(HTML) 31 Page - SMSC Corporation

Back Button USB2512B Datasheet HTML 27Page - SMSC Corporation USB2512B Datasheet HTML 28Page - SMSC Corporation USB2512B Datasheet HTML 29Page - SMSC Corporation USB2512B Datasheet HTML 30Page - SMSC Corporation USB2512B Datasheet HTML 31Page - SMSC Corporation USB2512B Datasheet HTML 32Page - SMSC Corporation USB2512B Datasheet HTML 33Page - SMSC Corporation USB2512B Datasheet HTML 34Page - SMSC Corporation USB2512B Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
31
Revision 1.0 (3-11-09)
DATASHEET
Chapter 7 Battery Charging Support
7.1
General Description
The battery charging feature is only available in USB251xB (which represents USB2512B/3B/4B and
USB2512Bi/3Bi/4Bi hub family products). Any one or combination of downstream ports on the
USB251xB hub can be configured to support battery charging.
The SMSC hub provides support for battery charging devices on a per port basis in compliance with
the USB Battery Charging specification, version 1.1. The hub can be configured to individually enable
each downstream port for battery charging support either via pin strapping as illustrated in Figure 7.1
or by setting the corresponding configuration bits via EEPROM or SMBus.
Figure 7.1 Battery Charging via External Power Supply
7.2
USB Battery Charging
A downstream port enabled for battery charging turns on port power as soon as the configuration
process has completed. The hub does not need to be enumerated nor does VBUS_DET need to be
asserted for the port power to be enabled. These conditions allow battery charging in S3, S4 and S5
system power states as well as in the fully operational state. The USB Battery Charging specification
does not interfere with standard USB operation, which allows a device to perform battery charging at
any time.
A port that supports battery charging must be able to support 1.5 amps of current on VBUS. Standard
USB port power controllers typically only allow for 0.8 amps of current before detecting an over-current
condition. Therefore, the 5 volt power supply, port power controller or over-current protection devices
must be chosen to handle the larger current demand compared to standard USB hub designs.
7.2.1
Special Behavior of PRTPWR Pins
The SMSC hub enables VBUS by asserting the port power (PRTPWR) pin as soon as the hardware
configuration process has completed. If the port detects an over-current condition, PRTPWR will be
turned off to protect the circuitry from overloading. If an over-current condition is detected when the
hub is not enumerated, PRTPWR can only be turned on from the host or if RESET_N is toggled. These
USB251xB/xBi
VBUS
PRTPWR[x]
IN
EN
FLAG
OCS_N[x]
RSTRAP
3.3 V
5 V
Note: RSTRAP enables battery charging.
USB Port Power
Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com