Electronic Components Datasheet Search
  English  ▼

X  

USB2512B Datasheet(PDF) 23 Page - SMSC Corporation

Part # USB2512B
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512B Datasheet(HTML) 23 Page - SMSC Corporation

Back Button USB2512B Datasheet HTML 19Page - SMSC Corporation USB2512B Datasheet HTML 20Page - SMSC Corporation USB2512B Datasheet HTML 21Page - SMSC Corporation USB2512B Datasheet HTML 22Page - SMSC Corporation USB2512B Datasheet HTML 23Page - SMSC Corporation USB2512B Datasheet HTML 24Page - SMSC Corporation USB2512B Datasheet HTML 25Page - SMSC Corporation USB2512B Datasheet HTML 26Page - SMSC Corporation USB2512B Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
23
Revision 1.0 (3-11-09)
DATASHEET
DOWNSTREAM USB 2.0 INTERFACES (continued)
LED_A_N[x:1] /
PRTSWP[x:1]
I/O12
Port LED Indicators
This pin will be active low when LED support is enabled via EEPROM or
SMBus.
Port Swap Strapping Option
If this strap is enabled by package and configuration settings (see Table 8.1,
"Hub Configuration Options"), this pin will be sampled at RESET_N negation
to determine the electrical connection polarity of the downstream USB port
pins (USB_DP and USB_DM).
Also, the active state of the LED will be determined as follows:
‘0’ = Port polarity is normal, LED is active high.
‘1’ = Port polarity (USB_DP and USB_DM) is swapped, LED is active low.
LED_B_N[7:4]
I/O12
Enhanced Indicator Port LED for ports 4-7
Enhanced indicator LED for ports 4-7. This pin will be active low when LED
support is enabled via EEPROM or SMBus.
LED_B_N[3] /
GANG_EN
I/O12
Enhanced Indicator Port LED for Port 3
Ganged Power and Over-current strap option
This signal selects between ganged or individual port power and over-current
sensing. If this strap is enabled by package and configuration settings (see
Table 8.1, "Hub Configuration Options"), this pin will be sampled at RESET_N
negation to determine the mode as follows:
‘0’ = Individual sensing and switching, LED_B_N[3] is active high.
‘1’ = Ganged sensing and switching, LED_B_N[3] is active low.
Table 5.2 USB251x Pin Descriptions (continued)
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com