Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 65 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 61Page - ATMEL Corporation ATtiny261 Datasheet HTML 62Page - ATMEL Corporation ATtiny261 Datasheet HTML 63Page - ATMEL Corporation ATtiny261 Datasheet HTML 64Page - ATMEL Corporation ATtiny261 Datasheet HTML 65Page - ATMEL Corporation ATtiny261 Datasheet HTML 66Page - ATMEL Corporation ATtiny261 Datasheet HTML 67Page - ATMEL Corporation ATtiny261 Datasheet HTML 68Page - ATMEL Corporation ATtiny261 Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 227 page
background image
65
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
• Port B, Bit 0 - MOSI/ DI/ SDA/ OC1A/ PCINT8
MOSI: SPI Master Data output, Slave Data input for SPI channel. When the SPI is enabled as a
Slave, this pin is configured as an input regardless of the setting of DDB0. When the SPI is
enabled as a Master, the data direction of this pin is controlled by DDB0. When the pin is forced
by the SPI to be an input, the pull-up can still be controlled by the PORTB0 bit.
DI: Data Input in USI Three-wire mode. USI Three-wire mode does not override normal port
functions, so pin must be configure as an input for DI function.
SDA: Two-wire mode Serial Interface Data.
OC1A: Inverted Output Compare Match output: The PB0 pin can serve as an external output for
the Timer/Counter1 Compare Match B when configured as an output (DDB0 set). The OC1A pin
is also the inverted output pin for the PWM mode timer function.
PCINT8: Pin Change Interrupt source 8.
Table 12-4 and Table 12-5 relate the alternate functions of Port B to the overriding signals
shown in Figure 12-5 on page 61.
Note:
1. 1 when the Fuse is “0” (Programmed).
Table 12-4.
Overriding Signals for Alternate Functions in PB7..PB4
Signal
Name
PB7/RESET/dW/
ADC10/PCINT15
PB6/ADC9/T0/INT0/
PCINT14
PB5/XTAL2/CLKO/
OC1D/ADC8/PCINT13(1)
PB4/XTAL1/OC1D/
ADC7/PCINT12(1)
PUOE
RSTDISBL(1) •
DWEN(1)
0
INTRC • EXTCLK
INTRC
PUOV
1
0
0
0
DDOE
RSTDISBL(1) •
DWEN(1)
0
INTRC • EXTCLK
INTRC
DDOV
debugWire Transmit 0
0
0
PVOE
0
0
OC1D Enable
OC1D Enable
PVOV
0
0
OC1D
OC1D
PTOE
0
0
0
0
DIEOE
0
RSTDISBL + (PCINT5
• PCIE + ADC9D)
INTRC • EXTCLK + PCINT4 •
PCIE + ADC8D
INTRC + PCINT12
• PCIE + ADC7D
DIEOV
ADC10D
ADC9D
(INTRC • EXTCLK) + ADC8D INTRC • ADC7D
DI
PCINT15
T0/INT0/PCINT14
PCINT13
PCINT12
AIO
RESET / ADC10
ADC9
XTAL2, ADC8
XTAL1, ADC7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com