Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 88 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 84Page - ATMEL Corporation ATtiny261 Datasheet HTML 85Page - ATMEL Corporation ATtiny261 Datasheet HTML 86Page - ATMEL Corporation ATtiny261 Datasheet HTML 87Page - ATMEL Corporation ATtiny261 Datasheet HTML 88Page - ATMEL Corporation ATtiny261 Datasheet HTML 89Page - ATMEL Corporation ATtiny261 Datasheet HTML 90Page - ATMEL Corporation ATtiny261 Datasheet HTML 91Page - ATMEL Corporation ATtiny261 Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 227 page
background image
88
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
14.10.7
TIFR – Timer/Counter0 Interrupt Flag Register
• Bit 4– OCF0A: Output Compare Flag 0 A
The OCF0A bit is set when a Compare Match occurs between the Timer/Counter0 and the data
in OCR0A – Output Compare Register0. OCF0A is cleared by hardware when executing the cor-
responding interrupt handling vector. Alternatively, OCF0A is cleared by writing a logic one to
the flag. When the I-bit in SREG, OCIE0A (Timer/Counter0 Compare Match Interrupt Enable),
and OCF0A are set, the Timer/Counter0 Compare Match Interrupt is executed.
The OCF0A is also set in 16-bit mode when a Compare Match occurs between the Timer/Coun-
ter and 16-bit data in OCR0B/A. The OCF0A is not set in Input Capture mode when the Output
Compare Register OCR0A is used as an Input Capture Register.
• Bit 3 – OCF0B: Output Compare Flag 0 B
The OCF0B bit is set when a Compare Match occurs between the Timer/Counter and the data in
OCR0B – Output Compare Register0 B. OCF0B is cleared by hardware when executing the cor-
responding interrupt handling vector. Alternatively, OCF0B is cleared by writing a logic one to
the flag. When the I-bit in SREG, OCIE0B (Timer/Counter Compare B Match Interrupt Enable),
and OCF0B are set, the Timer/Counter Compare Match Interrupt is executed.
The OCF0B is not set in 16-bit Output Compare mode when the Output Compare Register
OCR0B is used as the high byte of the 16-bit Output Compare Register or in 16-bit Input Cap-
ture mode when the Output Compare Register OCR0B is used as the high byte of the Input
Capture Register.
• Bit 1 – TOV0: Timer/Counter0 Overflow Flag
The bit TOV0 is set when an overflow occurs in Timer/Counter0. TOV0 is cleared by hardware
when executing the corresponding interrupt handling vector. Alternatively, TOV0 is cleared by
writing a logic one to the flag. When the SREG I-bit, TOIE0 (Timer/Counter0 Overflow Interrupt
Enable), and TOV0 are set, the Timer/Counter0 Overflow interrupt is executed.
• Bits 0 – ICF0: Timer/Counter0, Input Capture Flag
This flag is set when a capture event occurs on the ICP0 pin. When the Input Capture Register
(ICR0) is set to be used as the TOP value, the ICF0 flag is set when the counter reaches the
TOP value.
ICF0 is automatically cleared when the Input Capture Interrupt Vector is executed. Alternatively,
ICF0 can be cleared by writing a logic one to its bit location.
Bit
76543210
0x38 (0x58)
OCF1D
OCF1A
OCF1B
OCF0A
OCF0B
TOV1
TOV0
ICF0
TIFR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
Initial Value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com