Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 91 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 87Page - ATMEL Corporation ATtiny261 Datasheet HTML 88Page - ATMEL Corporation ATtiny261 Datasheet HTML 89Page - ATMEL Corporation ATtiny261 Datasheet HTML 90Page - ATMEL Corporation ATtiny261 Datasheet HTML 91Page - ATMEL Corporation ATtiny261 Datasheet HTML 92Page - ATMEL Corporation ATtiny261 Datasheet HTML 93Page - ATMEL Corporation ATtiny261 Datasheet HTML 94Page - ATMEL Corporation ATtiny261 Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 227 page
background image
91
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
When this bit is set (one), the Timer/Counter prescaler (TCNT1 is unaffected) will be reset. The
bit will be cleared by hardware after the operation is performed. Writing a zero to this bit will have
no effect. This bit will always read as zero.
• Bits 3:0 - CS13, CS12, CS11, CS10: Clock Select Bits 3, 2, 1, and 0
The Clock Select bits 3, 2, 1, and 0 define the prescaling source of Timer/Counter1.
The Stop condition provides a Timer Enable/Disable function.
Table 15-1.
Timer/Counter1 Prescale Select
CS13
CS12
CS11
CS10
Asynchronous
Clocking Mode
Synchronous
Clocking Mode
0
0
0
0
T/C1 stopped
T/C1 stopped
00
01PCK
CK
00
10PCK/2
CK/2
00
11PCK/4
CK/4
01
00PCK/8
CK/8
01
01PCK/16
CK/16
01
10PCK/32
CK/32
01
11PCK/64
CK/64
10
00PCK/128
CK/128
10
01PCK/256
CK/256
10
10PCK/512
CK/512
10
11PCK/1024
CK/1024
11
00PCK/2048
CK/2048
11
01PCK/4096
CK/4096
11
10PCK/8192
CK/8192
1
1
1
1
PCK/16384
CK/16384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com