Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 79 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 75Page - ATMEL Corporation ATtiny261 Datasheet HTML 76Page - ATMEL Corporation ATtiny261 Datasheet HTML 77Page - ATMEL Corporation ATtiny261 Datasheet HTML 78Page - ATMEL Corporation ATtiny261 Datasheet HTML 79Page - ATMEL Corporation ATtiny261 Datasheet HTML 80Page - ATMEL Corporation ATtiny261 Datasheet HTML 81Page - ATMEL Corporation ATtiny261 Datasheet HTML 82Page - ATMEL Corporation ATtiny261 Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 227 page
background image
79
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
Alternatively, the flag can be cleared by software by writing a logical one to its I/O bit location.
Figure 14-4 shows a block diagram of the Output Compare unit.
Figure 14-4. Output Compare Unit, Block Diagram
14.7.1
Compare Match Blocking by TCNT0 Write
All CPU write operations to the TCNT0H/L Register will block any Compare Match that occur in
the next timer clock cycle, even when the timer is stopped. This feature allows OCR0A/B to be
initialized to the same value as TCNT0 without triggering an interrupt when the Timer/Counter
clock is enabled.
14.7.2
Using the Output Compare Unit
Since writing TCNT0H/L will block all Compare Matches for one timer clock cycle, there are risks
involved when changing TCNT0H/L when using the Output Compare Unit, independently of
whether the Timer/Counter is running or not. If the value written to TCNT0H/L equals the
OCR0A/B value, the Compare Match will be missed.
14.8
Timer/Counter Timing Diagrams
The Timer/Counter is a synchronous design and the timer clock (clk
T0) is therefore shown as a
clock enable signal in the following figures. The figures include information on when Interrupt
Flags are set. Figure 14-5 contains timing data for basic Timer/Counter operation. The figure
shows the count sequence close to the MAX value.
Figure 14-5. Timer/Counter Timing Diagram, no Prescaling
Figure 14-6 shows the same timing data, but with the prescaler enabled.
OCFnx (Int.Req.)
= (8/16-bit Comparator )
OCRnx
DATA BUS
TCNTn
clk
Tn
(clk
I/O/1)
TOVn
clk
I/O
TCNTn
MAX - 1
MAX
BOTTOM
BOTTOM + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com