Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 92 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 88Page - ATMEL Corporation ATtiny261 Datasheet HTML 89Page - ATMEL Corporation ATtiny261 Datasheet HTML 90Page - ATMEL Corporation ATtiny261 Datasheet HTML 91Page - ATMEL Corporation ATtiny261 Datasheet HTML 92Page - ATMEL Corporation ATtiny261 Datasheet HTML 93Page - ATMEL Corporation ATtiny261 Datasheet HTML 94Page - ATMEL Corporation ATtiny261 Datasheet HTML 95Page - ATMEL Corporation ATtiny261 Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 227 page
background image
92
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
16. Timer/Counter1
16.1
Features
• 10/8-Bit Accuracy
• Three Independent Output Compare Units
• Clear Timer on Compare Match (Auto Reload)
• Glitch Free, Phase and Frequency Correct Pulse Width Modulator (PWM)
• Variable PWM Period
• Independent Dead Time Generators for each PWM channels
• Five Independent Interrupt Sources (TOV1, OCF1A, OCD1B, OCF1D, FPF1)
• High Speed Asynchronous and Synchronous Clocking Modes
• Separate Prescaler Unit
16.2
Overview
Timer/Counter1 is a general purpose high speed Timer/Counter module, with three independent
Output Compare Units, and with PWM support.
The Timer/Counter1 features a high resolution and a high accuracy usage with the lower pres-
caling opportunities. It can also support three accurate and high speed Pulse Width Modulators
using clock speeds up to 64 MHz. In PWM mode Timer/Counter1 and the output compare regis-
ters serve as triple stand-alone PWMs with non-overlapping non-inverted and inverted outputs.
Similarly, the high prescaling opportunities make this unit useful for lower speed functions or
exact timing functions with infrequent actions. A simplified block diagram of the Timer/Counter1
is shown in F i gure 16-1 . For a c tual p l aceme n t of the I/O pins, refer to “Pinout
ATtiny261/461/861” on page 2. The device-specific I/O register and bit locations are listed in the
“Register Description” on page 115.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com