Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 73Page - ATMEL Corporation ATtiny261 Datasheet HTML 74Page - ATMEL Corporation ATtiny261 Datasheet HTML 75Page - ATMEL Corporation ATtiny261 Datasheet HTML 76Page - ATMEL Corporation ATtiny261 Datasheet HTML 77Page - ATMEL Corporation ATtiny261 Datasheet HTML 78Page - ATMEL Corporation ATtiny261 Datasheet HTML 79Page - ATMEL Corporation ATtiny261 Datasheet HTML 80Page - ATMEL Corporation ATtiny261 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 227 page
background image
77
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
14.6
Input Capture Unit
The Timer/Counter incorporates an Input Capture unit that can capture external events and give
them a time-stamp indicating time of occurrence. The external signal indicating an event, or mul-
tiple events, can be applied via the ICP0 pin or alternatively, via the analog-comparator unit. The
time-stamps can then be used to calculate frequency, duty-cycle, and other features of the sig-
nal applied. Alternatively the time-stamps can be used for creating a log of the events.
The Input Capture unit is illustrated by the block diagram shown in Figure 14-3. The elements of
the block diagram that are not directly a part of the Input Capture unit are gray shaded.
Figure 14-3. Input Capture Unit Block Diagram
The Output Compare Register OCR0A is a dual-purpose register that is also used as an 8-bit
Input Capture Register ICR0. In 16-bit Input Capture mode the Output Compare Register
OCR0B serves as the high byte of the Input Capture Register ICR0. In 8-bit Input Capture mode
the Output Compare Register OCR0B is free to be used as a normal Output Compare Register,
but in 16-bit Input Capture mode the Output Compare Unit cannot be used as there are no free
Output Compare Register(s). Even though the Input Capture register is called ICR0 in this sec-
tion, it is referring to the Output Compare Register(s).
When a change of the logic level (an event) occurs on the Input Capture pin (ICP0), alternatively
on the Analog Comparator output (ACO), and this change confirms to the setting of the edge
detector, a capture will be triggered. When a capture is triggered, the value of the counter
(TCNT0) is written to the Input Capture Register (ICR0). The Input Capture Flag (ICF0) is set at
the same system clock as the TCNT0 value is copied into Input Capture Register. If enabled
(TICIE0=1), the Input Capture Flag generates an Input Capture interrupt. The ICF0 flag is auto-
matically cleared when the interrupt is executed. Alternatively the ICF0 flag can be cleared by
software by writing a logical one to its I/O bit location.
ICF0 (Int.Req.)
Analog
Comparator
WRITE
ICR0 (16-bit Register)
OCR0B (8-bit)
Noise
Canceler
ICP0
Edge
Detector
TEMP (8-bit)
DATA BUS (8-bit)
OCR0A (8-bit)
TCNT0 (16-bit Counter)
TCNT0H (8-bit)
TCNT0L (8-bit)
ACIC0*
ICNC0
ICES0
ACO*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com