Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 31 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 27Page - ATMEL Corporation ATtiny261 Datasheet HTML 28Page - ATMEL Corporation ATtiny261 Datasheet HTML 29Page - ATMEL Corporation ATtiny261 Datasheet HTML 30Page - ATMEL Corporation ATtiny261 Datasheet HTML 31Page - ATMEL Corporation ATtiny261 Datasheet HTML 32Page - ATMEL Corporation ATtiny261 Datasheet HTML 33Page - ATMEL Corporation ATtiny261 Datasheet HTML 34Page - ATMEL Corporation ATtiny261 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 227 page
background image
31
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
Figure 7-4.
Crystal Oscillator Connections
The Oscillator can operate in three different modes, each optimized for a specific frequency
range. The operating mode is selected by the fuses CKSEL3..1 as shown in Table 7-10.
Notes:
1. This option should not be used with crystals, only with ceramic resonators.
The CKSEL0 Fuse together with the SUT1..0 Fuses select the start-up times as shown in Table
7-11.
Notes:
1. These options should only be used when not operating close to the maximum frequency of the
device, and only if frequency stability at start-up is not important for the application. These
options are not suitable for crystals.
2. These options are intended for use with ceramic resonators and will ensure frequency stability
at start-up. They can also be used with crystals when not operating close to the maximum fre-
quency of the device, and if frequency stability at start-up is not important for the application.
Table 7-10.
Crystal Oscillator Operating Modes
CKSEL3..1
Frequency Range (MHz)
Recommended Range for Capacitors C1 and C2
for Use with Crystals (pF)
100(1)
0.4 - 0.9
–
101
0.9 - 3.0
12 - 22
110
3.0 - 8.0
12 - 22
111
8.0 -
12 - 22
Table 7-11.
Start-up Times for the Crystal Oscillator Clock Selection
CKSEL0
SUT1..0
Start-up Time from
Power-down and
Power-save
Additional Delay from
Reset
(VCC = 5.0V)
Recommended Usage
0
00
258 CK(1)
14CK + 4.1 ms
Ceramic resonator, fast
rising power
0
01
258 CK(1)
14CK + 65 ms
Ceramic resonator, slowly
rising power
0
10
1K (1024) CK(2)
14CK
Ceramic resonator, BOD
enabled
0
11
1K (1024)CK(2)
14CK + 4.1 ms
Ceramic resonator, fast
rising power
1
00
1K (1024)CK(2)
14CK + 65 ms
Ceramic resonator, slowly
rising power
1
01
16K (16384) CK
14CK
Crystal Oscillator, BOD
enabled
1
10
16K (16384) CK
14CK + 4.1 ms
Crystal Oscillator, fast rising
power
1
11
16K (16384) CK
14CK + 65 ms
Crystal Oscillator, slowly
rising power
XTAL2
XTAL1
GND
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com