Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 100 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 100 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 96Page - ATMEL Corporation ATtiny261 Datasheet HTML 97Page - ATMEL Corporation ATtiny261 Datasheet HTML 98Page - ATMEL Corporation ATtiny261 Datasheet HTML 99Page - ATMEL Corporation ATtiny261 Datasheet HTML 100Page - ATMEL Corporation ATtiny261 Datasheet HTML 101Page - ATMEL Corporation ATtiny261 Datasheet HTML 102Page - ATMEL Corporation ATtiny261 Datasheet HTML 103Page - ATMEL Corporation ATtiny261 Datasheet HTML 104Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 227 page
background image
100
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
The length of the counting period is user adjustable by selecting the dead time prescaler setting
by using the DTPS11:10 control bits, and selecting then the dead time value in I/O register DT1.
The DT1 register consists of two 4-bit fields, DT1H and DT1L that control the dead time periods
of the PWM output and its' complementary output separately in terms of the number of pres-
caled dead time generator clock cycles. Thus the rising edge of OC1x and
OC1x can have
different dead time periods as the t
non-overlap / rising edge is adjusted by the 4-bit DT1H value and the
t
non-overlap / falling edge is adjusted by the 4-bit DT1L value.
Figure 16-8. The Complementary Output Pair, COM1x1:0 = 1
16.6
Compare Match Output Unit
The Compare Output Mode (COM1x1:0) bits have two functions. The Waveform Generator uses
the COM1x1:0 bits for defining the inverted or non-inverted Waveform Output (OCW1x) at the
next Compare Match. Also, the COM1x1:0 bits control the OC1x and OC1x pin output source.
Figure 16-9 shows a simplified schematic of the logic affected by the COM1x1:0 bit setting. The
I/O Registers, I/O bits, and I/O pins in the figure are shown in bold. Only the parts of the general
I/O Port Control Registers (DDR and PORT) that are affected by the COM1x1:0 bits are shown.
In Normal Mode (non-PWM) the Dead Time Generator is disabled and it is working like a syn-
chronizer: the Output Compare (OC1x) is delayed from the Waveform Output (OCW1x) by one
timer clock cycle. Whereas in Fast PWM Mode and in Phase and Frequency Correct PWM
Mode when the COM1x1:0 bits are set to “01” both the non-inverted and the inverted Output
Compare output are generated, and an user programmable Dead Time delay is inserted for
these complementary output pairs (OC1x and OC1x). The functionality in PWM modes is similar
to Normal mode when any other COM1x1:0 bit setup is used. When referring to the OC1x state,
the reference is for the Output Compare output (OC1x) from the Dead Time Generator, not the
OC1x pin. If a system reset occur, the OC1x is reset to “0”.
The general I/O port function is overridden by the Output Compare (OC1x / OC1x) from the
Dead Time Generator if either of the COM1x1:0 bits are set. However, the OC1x pin direction
(input or output) is still controlled by the Data Direction Register (DDR) for the port pin. The Data
Direction Register bit for the OC1x and OC1x pins (DDR_OC1x and DDR_OC1x) must be set as
output before the OC1x and OC1x values are visible on the pin. The port override function is
independent of the Output Compare mode.
OCnx
(COMnx = 1)
t non-overlap / rising edge
t non-overlap / falling edge
OCnx
OCWnx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com