Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 94 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 94 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 90Page - ATMEL Corporation ATtiny261 Datasheet HTML 91Page - ATMEL Corporation ATtiny261 Datasheet HTML 92Page - ATMEL Corporation ATtiny261 Datasheet HTML 93Page - ATMEL Corporation ATtiny261 Datasheet HTML 94Page - ATMEL Corporation ATtiny261 Datasheet HTML 95Page - ATMEL Corporation ATtiny261 Datasheet HTML 96Page - ATMEL Corporation ATtiny261 Datasheet HTML 97Page - ATMEL Corporation ATtiny261 Datasheet HTML 98Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 227 page
background image
94
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
16.2.3
Registers
The Timer/Counter (TCNT1) and Output Compare Registers (OCR1A, OCR1B, OCR1C and
OCR1D) are 8-bit registers that are used as a data source to be compared with the TCNT1 con-
tents. The OCR1A, OCR1B and OCR1D registers determine the action on the OC1A, OC1B and
OC1D pins and they can also generate the compare match interrupts. The OCR1C holds the
Timer/Counter TOP value, i.e. the clear on compare match value. The Timer/Counter1 High
Byte Register (TC1H) is a 2-bit register that is used as a common temporary buffer to access the
MSB bits of the Timer/Counter1 registers, if the 10-bit accuracy is used.
Interrupt request (overflow TOV1, and compare matches OCF1A, OCF1B, OCF1D and fault pro-
tection FPF1) signals are visible in the Timer Interrupt Flag Register (TIFR) and Timer/Counter1
Control Register D (TCCR1D). The interrupts are individually masked with the Timer Interrupt
Mask Register (TIMSK) and the FPIE1 bit in the Timer/Counter1 Control Register D (TCCR1D).
Control signals are found in the Timer/Counter Control Registers TCCR1A, TCCR1B, TCCR1C,
TCCR1D and TCCR1E.
16.2.4
Synchronization
In asynchronous clocking mode the Timer/Counter1 and the prescaler allow running the CPU
from any clock source while the prescaler is operating on the fast peripheral clock (PCK) having
frequency of 64 MHz (or 32 MHz in Low Speed Mode). This is possible because there is a syn-
chronization boundary between the CPU clock domain and the fast peripheral clock domain.
Figure 16-2 shows Timer/Counter 1 synchronization register block diagram and describes syn-
chronization delays in between registers. Note that all clock gating details are not shown in the
figure.
The Timer/Counter1 register values go through the internal synchronization registers, which
cause the input synchronization delay, before affecting the counter operation. The registers
TCCR1A, TCCR1B, TCCR1C, TCCR1D, OCR1A, OCR1B, OCR1C and OCR1D can be read
back right after writing the register. The read back values are delayed for the Timer/Counter1
(TCNT1) register, Timer/Counter1 High Byte Register (TC1H) and flags (OCF1A, OCF1B,
OCF1D and TOV1), because of the input and output synchronization.
The system clock frequency must be lower than half of the PCK frequency, because the syn-
chronization mechanism of the asynchronous Timer/Counter1 needs at least two edges of the
PCK when the system clock is high. If the frequency of the system clock is too high, it is a risk
that data or control values are lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com