Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 50 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 46Page - ATMEL Corporation ATtiny261 Datasheet HTML 47Page - ATMEL Corporation ATtiny261 Datasheet HTML 48Page - ATMEL Corporation ATtiny261 Datasheet HTML 49Page - ATMEL Corporation ATtiny261 Datasheet HTML 50Page - ATMEL Corporation ATtiny261 Datasheet HTML 51Page - ATMEL Corporation ATtiny261 Datasheet HTML 52Page - ATMEL Corporation ATtiny261 Datasheet HTML 53Page - ATMEL Corporation ATtiny261 Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 227 page
background image
50
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
10. Interrupts
This section describes the specifics of the interrupt handling as performed in ATtiny261/461/861.
For a general explanation of the AVR interrupt handling, refer to “Reset and Interrupt Handling”
on page 15.
10.1
Interrupt Vectors in ATtiny261/461/861
If the program never enables an interrupt source, the Interrupt Vectors are not used, and regular
program code can be placed at these locations. The most typical and general program setup for
the Reset and Interrupt Vector Addresses in ATtiny261/461/861 is:
Table 10-1.
Reset and Interrupt Vectors
Vector
No.
Program
Address
Source
Interrupt Definition
1
0x0000
RESET
External Pin, Power-on Reset, Brown-out
Reset, Watchdog Reset
2
0x0001
INT0
External Interrupt Request 0
3
0x0002
PCINT
Pin Change Interrupt Request
4
0x0003
TIMER1_COMPA
Timer/Counter1 Compare Match A
5
0x0004
TIMER1_COMPB
Timer/Counter1 Compare Match B
6
0x0005
TIMER1_OVF
Timer/Counter1 Overflow
7
0x0006
TIMER0_OVF
Timer/Counter0 Overflow
8
0x0007
USI_START
USI Start
9
0x0008
USI_OVF
USI Overflow
10
0x0009
EE_RDY
EEPROM Ready
11
0x000A
ANA_COMP
Analog Comparator
12
0x000B
ADC
ADC Conversion Complete
13
0x000C
WDT
Watchdog Time-out
14
0x000D
INT1
External Interrupt Request 1
15
0x000E
TIMER0_COMPA
Timer/Counter0 Compare Match A
16
0x000F
TIMER0_COMPB
Timer/Counter0 Compare Match B
17
0x0010
TIMER0_CAPT
Timer/Counter1 Capture Event
18
0x0011
TIMER1_COMPD
Timer/Counter1 Compare Match D
19
0x0012
FAULT_PROTECTION
Timer/Counter1 Fault Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com