Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 67 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 63Page - ATMEL Corporation ATtiny261 Datasheet HTML 64Page - ATMEL Corporation ATtiny261 Datasheet HTML 65Page - ATMEL Corporation ATtiny261 Datasheet HTML 66Page - ATMEL Corporation ATtiny261 Datasheet HTML 67Page - ATMEL Corporation ATtiny261 Datasheet HTML 68Page - ATMEL Corporation ATtiny261 Datasheet HTML 69Page - ATMEL Corporation ATtiny261 Datasheet HTML 70Page - ATMEL Corporation ATtiny261 Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 227 page
background image
67
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
• Port A, Bit 6 - ADC5/AIN1/PCINT6
ADC5: Analog to Digital Converter, Channel 5.
AIN1: Analog Comparator Input. Configure the port pin as input with the internal pull-up switched
off to avoid the digital port function from interfering with the function of the Analog Comparator.
PCINT6: Pin Change Interrupt source 6.
• Port A, Bit 5 - ADC4/AIN2/PCINT5
ADC4: Analog to Digital Converter, Channel 4.
AIN2: Analog Comparator Input. Configure the port pin as input with the internal pull-up switched
off to avoid the digital port function from interfering with the function of the Analog Comparator.
PCINT5: Pin Change Interrupt source 5.
• Port A, Bit 4 - ADC3/ICP0/PCINT4
ADC3: Analog to Digital Converter, Channel 3.
ICP0: Timer/Counter0 Input Capture Pin.
PCINT4: Pin Change Interrupt source 4.
• Port A, Bit 3 - AREF/PCINT3
AREF: External analog reference for ADC. Pull-up and output driver are disabled on PA3 when
the pin is used as an external reference or internal voltage reference with external capacitor at
the AREF pin.
PCINT3: Pin Change Interrupt source 3.
• Port A, Bit 2 - ADC2/INT1/USCK/SCL/PCINT2
ADC2: Analog to Digital Converter, Channel 2.
INT1: The PA2 pin can serve as an External Interrupt source 1.
USCK: Three-wire mode Universal Serial Interface Clock.
SCL: Two-wire mode Serial Clock for USI Two-wire mode.
PCINT2: Pin Change Interrupt source 2.
• Port A, Bit 1 - ADC1/DO/PCINT1
ADC1: Analog to Digital Converter, Channel 1.
DO: Three-wire mode Universal Serial Interface Data output. Three-wire mode Data output over-
rides PORTA1 value and it is driven to the port when data direction bit DDA1 is set. PORTA1 still
enables the pull-up, if the direction is input and PORTA1 is set.
PCINT1: Pin Change Interrupt source 1.
• Port A, Bit 0 - ADC0/DI/SDA/PCINT0
ADC0: Analog to Digital Converter, Channel 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com