Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 85 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 81Page - ATMEL Corporation ATtiny261 Datasheet HTML 82Page - ATMEL Corporation ATtiny261 Datasheet HTML 83Page - ATMEL Corporation ATtiny261 Datasheet HTML 84Page - ATMEL Corporation ATtiny261 Datasheet HTML 85Page - ATMEL Corporation ATtiny261 Datasheet HTML 86Page - ATMEL Corporation ATtiny261 Datasheet HTML 87Page - ATMEL Corporation ATtiny261 Datasheet HTML 88Page - ATMEL Corporation ATtiny261 Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 227 page
background image
85
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
14.10 Register Description
14.10.1
TCCR0A – Timer/Counter0 Control Register A
• Bit 7– TCW0: Timer/Counter0 Width
When this bit is written to one 16-bit mode is selected as described Figure 14-5 on page 79.
Timer/Counter0 width is set to 16-bits and the Output Compare Registers OCR0A and OCR0B
are combined to form one 16-bit Output Compare Register. Because the 16-bit registers
TCNT0H/L and OCR0B/A are accessed by the AVR CPU via the 8-bit data bus, special proce-
dures must be followed. These procedures are described in section “Accessing Registers in
16-bit Mode” on page 81.
• Bit 6– ICEN0: Input Capture Mode Enable
When this bit is written to one, the Input Capture Mode is enabled.
• Bit 5 – ICNC0: Input Capture Noise Canceler
Setting this bit activates the Input Capture Noise Canceler. When the noise canceler is acti-
vated, the input from the Input Capture Pin (ICP0) is filtered. The filter function requires four
successive equal valued samples of the ICP0 pin for changing its output. The Input Capture is
therefore delayed by four System Clock cycles when the noise canceler is enabled.
• Bit 4 – ICES0: Input Capture Edge Select
This bit selects which edge on the Input Capture Pin (ICP0) that is used to trigger a capture
event. When the ICES0 bit is written to zero, a falling (negative) edge is used as trigger, and
when the ICES0 bit is written to one, a rising (positive) edge will trigger the capture. When a cap-
ture is triggered according to the ICES0 setting, the counter value is copied into the Input
Capture Register. The event will also set the Input Capture Flag (ICF0), and this can be used to
cause an Input Capture Interrupt, if this interrupt is enabled.
• Bit 3 - ACIC0: Analog Comparator Input Capture Enable
When written logic one, this bit enables the input capture function in Timer/Counter0 to be trig-
gered by the Analog Comparator. The comparator output is in this case directly connected to the
input capture front-end logic, making the comparator utilize the noise canceler and edge select
features of the Timer/Counter0 Input Capture interrupt. When written logic zero, no connection
between the Analog Comparator and the input capture function exists. To make the comparator
trigger the Timer/Counter0 Input Capture interrupt, the TICIE0 bit in the Timer Interrupt Mask
Register (TIMSK) must be set.
• Bits 2:1 – Res: Reserved Bits
These bits are reserved bits in the ATtiny261/461/861 and will always read as zero.
• Bit 0 – CTC0: Waveform Generation Mode
This bit controls the counting sequence of the counter, the source for maximum (TOP) counter
value, see Figure 14-5 on page 79.
Bit
76543210
0x15 (0x35)
TCW0
ICEN0
ICNC0
ICES0
ACIC0
–
–
CTC0
TCCR0A
Read/Write
R/W
R/W
R/W
R/W
R/W
R
R
R/W
Initial Value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com