Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 112 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 112 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 108Page - ATMEL Corporation ATtiny261 Datasheet HTML 109Page - ATMEL Corporation ATtiny261 Datasheet HTML 110Page - ATMEL Corporation ATtiny261 Datasheet HTML 111Page - ATMEL Corporation ATtiny261 Datasheet HTML 112Page - ATMEL Corporation ATtiny261 Datasheet HTML 113Page - ATMEL Corporation ATtiny261 Datasheet HTML 114Page - ATMEL Corporation ATtiny261 Datasheet HTML 115Page - ATMEL Corporation ATtiny261 Datasheet HTML 116Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 227 page
background image
112
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
16.10 Accessing 10-Bit Registers
If 10-bit values are written to the TCNT1 and OCR1A/B/C/D registers, the 10-bit registers can be
byte accessed by the AVR CPU via the 8-bit data bus using two read or write operations. The
10-bit registers have a common 2-bit Timer/Counter1 High Byte Register (TC1H) that is used for
temporary storing of the two MSBs of the 10-bit access. The same TC1H register is shared
between all 10-bit registers. Accessing the low byte triggers the 10-bit read or write operation.
When the low byte of a 10-bit register is written by the CPU, the high byte stored in the TC1H
register, and the low byte written are both copied into the 10-bit register in the same clock cycle.
When the low byte of a 10-bit register is read by the CPU, the high byte of the 10-bit register is
copied into the TC1H register in the same clock cycle as the low byte is read.
To do a 10-bit write, the high byte must be written to the TC1H register before the low byte is
written. For a 10-bit read, the low byte must be read before the high byte.
The following code examples show how to access the 10-bit timer registers assuming that no
interrupts updates the TC1H register. The same principle can be used directly for accessing the
OCR1A/B/C/D registers.
Note:
1. The example code assumes that the part specific header file is included.
For I/O registers located in extended I/O map, “IN”, “OUT”, “SBIS”, “SBIC”, “CBI”, and “SBI”
instructions must be replaced with instructions that allow access to extended I/O. Typically
“LDS” and “STS” combined with “SBRS”, “SBRC”, “SBR”, and “CBR”.
The assembly code example returns the TCNT1 value in the r17:r16 register pair.
Assembly Code Example
...
; Set TCNT
1 to 0x01FF
ldi
r17,0x01
ldi
r16,0xFF
out
TC
1H,r17
out
TCNT
1,r16
; Read TCNT
1 into r17:r16
in
r16,TCNT
1
in
r17,TC
1H
...
C Code Example
unsigned int
i;
...
/* Set TCNT1 to 0x01FF */
TC1H = 0x01;
TCNT1 = 0xFF;
/* Read TCNT1 into i */
i = TCNT1;
i |= ((unsigned int)TC1H << 8);
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com