Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 127 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 127 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 123Page - ATMEL Corporation ATtiny261 Datasheet HTML 124Page - ATMEL Corporation ATtiny261 Datasheet HTML 125Page - ATMEL Corporation ATtiny261 Datasheet HTML 126Page - ATMEL Corporation ATtiny261 Datasheet HTML 127Page - ATMEL Corporation ATtiny261 Datasheet HTML 128Page - ATMEL Corporation ATtiny261 Datasheet HTML 129Page - ATMEL Corporation ATtiny261 Datasheet HTML 130Page - ATMEL Corporation ATtiny261 Datasheet HTML 131Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 227 page
background image
127
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
16.11.14 DT1 – Timer/Counter1 Dead Time Value
The dead time value register is an 8-bit read/write register.
The dead time delay of all Timer/Counter1 channels are adjusted by the dead time value regis-
ter, DT1. The register consists of two fields, DT1H3..0 and DT1L3..0, one for each
complementary output. Therefore a different dead time delay can be adjusted for the rising edge
of OC1x and the rising edge of OC1x.
• Bits 7:4- DT1H3:DT1H0: Dead Time Value for OC1x Output
The dead time value for the OC1x output. The dead time delay is set as a number of the pres-
caled timer/counter clocks. The minimum dead time is zero and the maximum dead time is the
prescaled time/counter clock period multiplied by 15.
• Bits 3:0- DT1L3:DT1L0: Dead Time Value for
OC1x Output
The dead time value for the
OC1x output. The dead time delay is set as a number of the pres-
caled timer/counter clocks. The minimum dead time is zero and the maximum dead time is the
prescaled time/counter clock period multiplied by 15.
Bit
76543210
0x24 (0x44)
DT1H3
DT1H2
DT1H1
DT1H0
DT1L3
DT1L2
DT1L1
DT1L0
DT1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com