Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 140 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 140 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 136Page - ATMEL Corporation ATtiny261 Datasheet HTML 137Page - ATMEL Corporation ATtiny261 Datasheet HTML 138Page - ATMEL Corporation ATtiny261 Datasheet HTML 139Page - ATMEL Corporation ATtiny261 Datasheet HTML 140Page - ATMEL Corporation ATtiny261 Datasheet HTML 141Page - ATMEL Corporation ATtiny261 Datasheet HTML 142Page - ATMEL Corporation ATtiny261 Datasheet HTML 143Page - ATMEL Corporation ATtiny261 Datasheet HTML 144Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 227 page
background image
140
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
18. AC – Analog Comparator
The Analog Comparator compares the input values on the selectable positive pin (AIN0, AIN1 or
AIN2) and selectable negative pin (AIN0, AIN1 or AIN2). When the voltage on the positive pin is
higher than the voltage on the negative pin, the Analog Comparator output, ACO, is set. The
comparator can trigger a separate interrupt, exclusive to the Analog Comparator. The user can
select Interrupt triggering on comparator output rise, fall or toggle. A block diagram of the com-
parator and its surrounding logic is shown in Figure 18-1.
Figure 18-1. Analog Comparator Block Diagram
(2)
Notes:
1. See Table 18-2 on page 142.
2. Refer to Figure 1-1 on page 2 and Table 12.3.2 on page 66 for Analog Comparator pin
placement.
18.1
Register Description
18.1.1
ACSRA – Analog Comparator Control and Status Register A
• Bit 7 – ACD: Analog Comparator Disable
When this bit is written logic one, the power to the Analog Comparator is switched off. This bit
can be set at any time to turn off the Analog Comparator. This will reduce power consumption in
Active and Idle mode. When changing the ACD bit, the Analog Comparator Interrupt must be
disabled by clearing the ACIE bit in ACSRA. Otherwise an interrupt can occur when the bit is
changed.
• Bit 6 – ACBG: Analog Comparator Bandgap Select
When this bit is set an internal 1.1V reference voltage replaces the positive input to the Analog
Comparator. The selection of the internal voltage reference is done by writing the REFS2..0 bits
in ADMUX register. When this bit is cleared, AIN0, AIN1 or AIN2 depending on the ACM2..0 bits
is applied to the positive input of the analog comparator.
ACBG
BANDGAP
REFERENCE
ADC MULTIPLEXER
OUTPUT
ACME
ADEN
(1)
MUX
AIN0
AIN1
AIN2
ACM2..1
Bit
76543210
0x08 (0x28)
ACD
ACBG
ACO
ACI
ACIE
ACME
ACIS1
ACIS0
ACSRA
Read/Write
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
N/A
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com