Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 179 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 179 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 175Page - ATMEL Corporation ATtiny261 Datasheet HTML 176Page - ATMEL Corporation ATtiny261 Datasheet HTML 177Page - ATMEL Corporation ATtiny261 Datasheet HTML 178Page - ATMEL Corporation ATtiny261 Datasheet HTML 179Page - ATMEL Corporation ATtiny261 Datasheet HTML 180Page - ATMEL Corporation ATtiny261 Datasheet HTML 181Page - ATMEL Corporation ATtiny261 Datasheet HTML 182Page - ATMEL Corporation ATtiny261 Datasheet HTML 183Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 227 page
background image
179
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
Figure 22-3. Programming the Flash Waveforms(1)
Note:
1. “XX” is don’t care. The letters refer to the programming description above.
22.8.5
Programming the EEPROM
The EEPROM is organized in pages, see Table 22-8 on page 174. When programming the
EEPROM, the program data is latched into a page buffer. This allows one page of data to be
programmed simultaneously. The programming algorithm for the EEPROM data memory is as
follows (refer to “Programming the Flash” on page 177 for details on Command, Address and
Data loading):
1.
A: Load Command “0001 0001”.
2.
G: Load Address High Byte (0x00 - 0xFF).
3.
B: Load Address Low Byte (0x00 - 0xFF).
4.
C: Load Data (0x00 - 0xFF).
5.
E: Latch data (give PAGEL a positive pulse).
K: Repeat 3 through 5 until the entire buffer is filled.
L: Program EEPROM page
1.
Set BS to “0”.
2.
Give WR a negative pulse. This starts programming of the EEPROM page. RDY/BSY
goes low.
3.
Wait until to RDY/BSY goes high before programming the next page (See Figure 22-4 for
signal waveforms).
RDY/BSY
WR
OE
RESET +12V
0x10
ADDR. LOW
ADDR. HIGH
DATA
DATA LOW
DATA HIGH
ADDR. LOW
DATA LOW
DATA HIGH
XA1/BS2
XA0
PAGEL/BS1
XTAL1
XX
XX
XX
AB
CD
E
B
C
D
E
G
H
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com